Electronic Components Datasheet Search
  English  ▼

X  

MPF42791 Datasheet(PDF) 64 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 64 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 60Page - Monolithic Power Systems MPF42791 Datasheet HTML 61Page - Monolithic Power Systems MPF42791 Datasheet HTML 62Page - Monolithic Power Systems MPF42791 Datasheet HTML 63Page - Monolithic Power Systems MPF42791 Datasheet HTML 64Page - Monolithic Power Systems MPF42791 Datasheet HTML 65Page - Monolithic Power Systems MPF42791 Datasheet HTML 66Page - Monolithic Power Systems MPF42791 Datasheet HTML 67Page - Monolithic Power Systems MPF42791 Datasheet HTML 68Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
64
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
HCONV_LRN_
DTEMPTH,
0x15C3
Sets the heat transfer coefficient learning
temperature derivative threshold.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 0.01°C
0.2°C
0°C to
2.55°C
Fuel Gauge Model
Name, Address
Description
Bit Length,
Position
Type
Encoding
Decoded
Default Value
Range
MDLCELL_MFR,
0x2000
Sets the cell manufacturer.
128, [127:0]
R/W
ASCII character(s)
Default
-
MDLCELL_
TYPE,
0x2010
Sets the cell type model.
128, [127:0]
R/W
ASCII character(s)
Default
-
MDLCELL_
QNOM,
0x2020
Sets the nominal capacity of the
cell, which is reported by the
manufacturer.
16, [15:0]
R/W
16-bit unsigned integer
LSB = 5mAh
2500mAh
5mAh to
327675mAh
MDLCELL_CP,
0x2028
Sets the cell’s specific heat.
16, [15:0]
R/W
16-bit unsigned integer
LSB = 0.001J/(g x K)
0.85J/(g x K)
0.001J/(g x K)
to 65.535J/
(g x K)
MDLCELL_
MASS,
0x202A
Sets the cell mass.
16, [15:0]
R/W
16-bit unsigned integer
LSB = 0.5g
45g
0.5g to
32767.5g
MDLCELL_
AREA,
0x202C
Sets the cell surface area.
16, [15:0]
R/W
16-bit unsigned integer
LSB = 5mm2
4262mm2
1mm2 to
327675mm2
MDLINFO_
ICHG_MAX,
0x2098
Sets
the
maximum
charge
current that the cell can handle,
according to the manufacturer.
16, [15:0]
R/W
16-bit unsigned integer
LSB = 0.001 C-rate
1 C-rate
0 C-rate to
65.535 C-rate
MDLINFO_
IDIS_MAX,
0x209A
Sets the maximum discharge
current that the cell can handle,
according to the manufacturer.
16, [15:0]
R/W
16-bit unsigned integer
LSB = 0.001 C-rate
2 C-rate
0 C-rate to
65.535 C-rate
MDLINFO_
TCHG_MIN,
0x209C
Sets the minimum temperature
that
the
cell
can
handle,
according to the manufacturer.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 0.5°C
0°C
-30°C to
+97.5°C
MDLINFO_
TCHG_MAX,
0x209D
Sets the maximum temperature
that
the
cell
can
handle,
according to the manufacturer.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 0.5°C
50°C
-30°C to
+97.5°C
MDLINFO_
QMEAS,
0x20A0
Sets the capacity measured in
the cell characterization test.
16, [15:0]
R/W
16-bit unsigned integer
LSB = 5mAh
2437mAh
5mAh to
327675mAh
LED Settings
Name, Address
Description
Bit Length,
Position
Type
Encoding
Decoded
Default Value
Range
LEDS_ON_
MAN,
0x4000
1: The LEDs are controlled manually using the
dedicated register bits
0: The LEDs are directly controlled to report the
SOC
1, [0]
R/W
Control
Enable = 1
Disable = 0
0
0 to 1
LEDS_ON_
CHG,
0x4000
1: The LEDs display the pack SOC while charging,
if the manual LED controls are set to 0
0: The LEDs do not display the pack SOC while the
charging and manual LED controls are set to 0
1, [1]
R/W
Control
Enable = 1
Disable = 0
1
0 to 1
LEDS_ON_BTN,
0x4000
1: The LEDs display the pack SOC after the LED
push-button is pressed if the manual LED controls
are set to 0
0: The LEDs do not display the pack SOC after the
LEDs push-button is pressed and the manual LED
controls are set to 0
1, [2]
R/W
Control
Enable = 1
Disable = 0
1
0 to 1
LED1_ON,
0x4000
1: If manual LED control is set to 1 the LED turns on
0: If manual LED control is set to 1 the LED turns off
1, [3]
R/W
Control
On = 1
Off = 0
0
0 to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com