Electronic Components Datasheet Search
  English  ▼

X  

MPF42791 Datasheet(PDF) 53 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 53 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 49Page - Monolithic Power Systems MPF42791 Datasheet HTML 50Page - Monolithic Power Systems MPF42791 Datasheet HTML 51Page - Monolithic Power Systems MPF42791 Datasheet HTML 52Page - Monolithic Power Systems MPF42791 Datasheet HTML 53Page - Monolithic Power Systems MPF42791 Datasheet HTML 54Page - Monolithic Power Systems MPF42791 Datasheet HTML 55Page - Monolithic Power Systems MPF42791 Datasheet HTML 56Page - Monolithic Power Systems MPF42791 Datasheet HTML 57Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
53
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TRDG_ETIME_
25TO30,
0x0C78
Returns the amount of time that the
battery’s average temperature has been
between 25°C and 30°C.
16, [15:0]
Read-only
16-bit unsigned integer
LSB = 1hr
0hr
0hr to
65535hr
TRDG_ETIME_
30TO35,
0x0C7A
Returns the amount of time that the
battery’s average temperature has been
between 30°C and 35°C.
16, [15:0]
Read-only
16-bit unsigned integer
LSB = 1hr
0hr
0hr to
65535hr
TRDG_ETIME_
35TO40,
0x0C7C
Returns the amount of time that the
battery’s average temperature has been
between 35°C and 40°C.
16, [15:0]
Read-only
16-bit unsigned integer
LSB = 1hr
0hr
0hr to
65535hr
TRDG_ETIME_
40TO45,
0x0C7E
Returns the amount of time that the
battery’s average temperature has been
between 40°C and 45°C.
16, [15:0]
Read-only
16-bit unsigned integer
LSB = 1hr
0hr
0hr to
65535hr
TRDG_ETIME_
45TO50,
0x0C80
Returns the amount of time that the
battery’s average temperature has been
between 45°C and 50°C.
16, [15:0]
Read-only
16-bit unsigned integer
LSB = 1hr
0hr
0hr to
65535hr
TRDG_ETIME_
50TO55,
0x0C82
Returns the amount of time that the
battery’s average temperature has been
between 50°C and 55°C.
16, [15:0]
Read-only
16-bit unsigned integer
LSB = 1hr
0hr
0hr to
65535hr
TRDG_ETIME_
55TO60,
0x0C84
Returns the amount of time that the
battery’s average temperature has been
between 55°C and 60°C.
16, [15:0]
Read-only
16-bit unsigned integer
LSB = 1hr
0hr
0hr to
65535hr
TRDG_ETIME_
ABV60,
0x0C86
Returns the amount of time that the
battery’s average temperature exceeds
60°C.
16, [15:0]
Read-only
16-bit unsigned integer
LSB = 1hr
0hr
0hr to
65535hr
TRDG_MIN_
DIE,
0x0C88
Returns
the
minimum
temperature
measured on the die.
8, [7:0]
Read-only
8-bit unsigned integer
LSB = 0.5°C
0°C
-30°C to
+97.5°C
TRDG_MAX_
DIE,
0x0C89
Returns
the
maximum
temperature
measured on the die.
8, [7:0]
Read-only
8-bit unsigned integer
LSB = 0.5°C
-30°C
-30°C to
+97.5°C
IRDG_MAX_
CHG,
0x0C8A
Returns the maximum measured charge
current.
16, [15:0]
Read-only
16-bit unsigned integer
LSB = 2mA
0mA
0mA to
131070
mA
IRDG_MAX_
DIS,
0x0C8C
Returns
the
maximum
measured
discharge current.
16, [15:0]
Read-only
16-bit unsigned integer
LSB = 2mA
0mA
0mA to
131070mA
NCHG_CYC,
0x0C8E
Returns
the
number
of
completed
charge cycles, which is when the battery
pack’s SOC has charged from below
15% to above 85%.
16, [15:0]
Read-only
16-bit unsigned integer
LSB = 1 Event(s)
0
event(s)
0 event(s)
to 65535
event(s)
NCHG_10SOC,
0x0C90
Returns the number of times the pack
has been charged by 10%.
16, [15:0]
Read-only
16-bit unsigned integer
LSB = 1 event
0
event(s)
0 event(s)
to 65535
event(s)
NSHDN,
0x0C92
Returns the number of times the fuel
gauge has woken up after sleep mode,
a hard reset, or a shutdown.
16, [15:0]
Read-only
16-bit unsigned integer
LSB = 1 event
0
event(s)
0 event(s)
to 65535
event(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com