Electronic Components Datasheet Search
  English  ▼

X  

MPF42791 Datasheet(PDF) 47 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 47 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 43Page - Monolithic Power Systems MPF42791 Datasheet HTML 44Page - Monolithic Power Systems MPF42791 Datasheet HTML 45Page - Monolithic Power Systems MPF42791 Datasheet HTML 46Page - Monolithic Power Systems MPF42791 Datasheet HTML 47Page - Monolithic Power Systems MPF42791 Datasheet HTML 48Page - Monolithic Power Systems MPF42791 Datasheet HTML 49Page - Monolithic Power Systems MPF42791 Datasheet HTML 50Page - Monolithic Power Systems MPF42791 Datasheet HTML 51Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
47
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
RCXN_RSLT_
CELL10,
0x069E
Returns the state of cell
10’s connection
resistance result.
0: Default
1: Updated
2: Updated to max
3: Updated to min
2, [1:0]
Read-only
8-bit unsigned
integer
LSB = 1
0
0 to 3
RCXN_RSLT_
CELL11,
0x069F
Returns the state of cell
11’s connection
resistance result.
0: Default
1: Updated
2: Updated to max
3: Updated to min
2, [1:0]
Read-only
8-bit unsigned
integer
LSB = 1
0
0 to 3
RCXN_RSLT_
CELL12,
0x06A0
Returns the state of cell
12’s connection
resistance result.
0: Default
1: Updated
2: Updated to max
3: Updated to min
2, [1:0]
Read-only
8-bit unsigned
integer
LSB = 1
0
0 to 3
RCXN_RSLT_
CELL13,
0x06A1
Returns the state of cell
13’s connection
resistance result.
0: Default
1: Updated
2: Updated to max
3: Updated to min
2, [1:0]
Read-only
8-bit unsigned
integer
LSB = 1
0
0 to 3
RCXN_RSLT_
CELL14,
0x06A2
Returns the state of cell
14’s connection
resistance result.
0: Default
1: Updated
2: Updated to max
3: Updated to min
2, [1:0]
Read-only
8-bit unsigned
integer
LSB = 1
0
0 to 3
RCXN_RSLT_
CELL15,
0x06A3
Returns the state of cell
15’s connection
resistance result.
0: Default
1: Updated
2: Updated to max
3: Updated to min
2, [1:0]
Read-only
8-bit unsigned
integer
LSB = 1
0
0 to 3
RCXN_RSLT_
CELL16,
0x06A4
Returns the state of cell
1 ’s connection
resistance result.
0: Default
1: Updated
2: Updated to max
3: Updated to min
2, [1:0]
Read-only
8-bit unsigned
integer
LSB = 1
0
0 to 3
HCONV,
0x06A5
Returns the heat transfer coefficient.
16, [15:0]
Read-only
16-bit unsigned
integer
LSB = 0.01W/
(m2 x K)
23W/
(m2 x K)
0W/(m2 x K)
to 655.35W/
(m2 x K)
HCONV_LRN,
0x06A7
Returns the state of the heat transfer
coefficient learning.
0: Disabled
1: Paused
2: Ongoing
2, [1:0]
Read-only
8-bit unsigned
integer
LSB = 1
0
0 to 3
HCONV_RSLT,
0x06A8
Returns the state of the heat transfer
coefficient result.
0: Default
1: Updated
2: Updated to max
3: Updated to min
2, [1:0]
Read-only
8-bit unsigned
integer
LSB = 1
0
0 to 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com