Electronic Components Datasheet Search
  English  ▼

X  

MPF42791 Datasheet(PDF) 57 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 57 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 53Page - Monolithic Power Systems MPF42791 Datasheet HTML 54Page - Monolithic Power Systems MPF42791 Datasheet HTML 55Page - Monolithic Power Systems MPF42791 Datasheet HTML 56Page - Monolithic Power Systems MPF42791 Datasheet HTML 57Page - Monolithic Power Systems MPF42791 Datasheet HTML 58Page - Monolithic Power Systems MPF42791 Datasheet HTML 59Page - Monolithic Power Systems MPF42791 Datasheet HTML 60Page - Monolithic Power Systems MPF42791 Datasheet HTML 61Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
57
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
SOC_PACK_
RSLT_INTR_
EN,
0x1080
Enables a SOC_PACK_RSLT_INTR (pack
SOC result changed) interrupt.
1, [4]
R/W
Control
Enable = 1
Disable = 0
1
0 to 1
OT_WARN_
INTR_EN,
0x1080
Enables an OT_WARN_INTR interrupt.
1, [5]
R/W
Control
Enable = 1
Disable = 0
1
0 to 1
IDIS_AVG_
INTR_EN,
0x1080
Enables
an
IDIS_AVG_INTR
(average
discharge current learning) interrupt.
1, [6]
R/W
Control
Enable = 1
Disable = 0
1
0 to 1
IDIS_END_
INTR_EN,
0x1080
Enables an IDIS_END_INTR (discharge
termination current learning) interrupt.
1, [7]
R/W
Control
Enable = 1
Disable = 0
1
0 to 1
ICHG_CC_
INTR_EN,
0x1080
Enables an ICHG_CC_INTR (charge CC
current learning) interrupt.
1, [8]
R/W
Control
Enable = 1
Disable = 0
1
0 to 1
ICHG_END_
INTR_EN,
0x1080
Enables
an
ICHG_END_INTR
(charge
termination current learning) interrupt.
1, [9]
R/W
Control
Enable = 1
Disable = 0
1
0 to 1
VCHG_CV_
INTR_EN,
0x1080
Enables a VCHG_CV_INTR (charge CV
learning) interrupt.
1, [10]
R/W
Control
Enable = 1
Disable = 0
1
0 to 1
SORESR_
CELLS_INTR_
EN,
0x1080
Enables an SORESR_CELLS_INTR (ESR
learning) interrupt.
1, [11]
R/W
Control
Enable = 1
Disable = 0
1
0 to 1
RCXN_CELLS_
INTR_EN,
0x1080
Enables
an
RCXN_CELLS_INTR
(cell
resistance learning) interrupt.
1, [12]
R/W
Control
Enable = 1
Disable = 0
1
0 to 1
HCONV_
INTR_EN,
0x1080
Enables an HCONV_INTR (heat transfer
coefficient learning) interrupt.
1, [13]
R/W
Control
Enable = 1
Disable = 0
1
0 to 1
SOH_CELLS_
INTR_EN,
0x1080
Enables an SOH_CELLS_INTR (cell SOH
learning) interrupt.
1, [14]
R/W
Control
Enable = 1
Disable = 0
1
0 to 1
PDIS_LIM_
INTR_EN,
0x1080
Enables
a
PDIS_LIM_INTR
(discharge
power limiting factor change) interrupt.
1, [16]
R/W
Control
Enable = 1
Disable = 0
1
0 to 1
PCHG_LIM_
INTR_EN,
0x1080
Enables a PCHG_LIM_INTR (charge power
limiting factor change) interrupt.
1, [17]
R/W
Control
Enable = 1
Disable = 0
1
0 to 1
VCELL_MAX,
0x10C0
Sets the maximum voltage accepted at the
cell level.
16, [15:0]
R/W
16-bit unsigned
integer
LSB = 0.1mV
4200mV
0mV to
6553.5mV
VCELL_MAX_
MRGN,
0x10C2
Sets the maximum cell voltage margin.
8, [7:0]
R/W
8-bit unsigned
integer
LSB = 0.5mV
5mV
0mV to
127.5mV
VCELL_MIN,
0x10C3
Sets the minimum voltage accepted at the
cell level.
16, [15:0]
R/W
16-bit unsigned
integer
LSB = 0.1mV
3000mV
0mV to
6553.5mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com