Electronic Components Datasheet Search
  English  ▼

X  

MPF42791 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPF42791 Datasheet HTML 1Page - Monolithic Power Systems MPF42791 Datasheet HTML 2Page - Monolithic Power Systems MPF42791 Datasheet HTML 3Page - Monolithic Power Systems MPF42791 Datasheet HTML 4Page - Monolithic Power Systems MPF42791 Datasheet HTML 5Page - Monolithic Power Systems MPF42791 Datasheet HTML 6Page - Monolithic Power Systems MPF42791 Datasheet HTML 7Page - Monolithic Power Systems MPF42791 Datasheet HTML 8Page - Monolithic Power Systems MPF42791 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
MPF42791
2 to 16 Stacked Cells Battery Pack
Fuel Gauge with Resistance Detection
and Thermal Model
MPF42791 Rev. 1.0
MonolithicPower.com
1
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
DESCRIPTION
The MPF42791 is a drop-in solution to provide
comprehensive status information on lithium-ion
battery strings up to 16 series cells. The
MPF42791
estimates
the
internal
state-of-
charge (SOC) and state-of-health (SOH) for
each cell, as well as the full pack. The
MPF42791
also
determines
impedance,
remaining
runtime,
charge
time,
and
instantaneous
available
power.
On-board
memory enables the lifetime logging of key
parameters.
The MPF42791 is simple to use and supports a
variety of lithium cell chemistries and cell sizes.
A few basic configurations allow for quick set-up,
and advanced configuration capabilities can
fine-tune the device for specific applications.
When paired with an MP279x battery monitor,
the MPF42791 can achieve SOC accuracy
within 2.5% across the temperature range. The
MPF42791 can also be paired with other analog
front-end (AFE) or battery stack monitors. The
400kHz I2C interface provides standard, robust
communication. The 5-level LED drivers provide
a simple, cost-effective charge level indicator for
the device.
The MPF42791 is available in a TQFN-32
(4mmx4mm) package.
MINIMUM SYSTEM REQUIREMENTS
• BMS AFE Providing Individual Cell
Voltages, Pack Currents, and Temperatures
• M0 System MCU with I2C and Interrupt,
48KB of Flash and 4KB of RAM
FEATURES
• Compatible with Commonly Used Battery
Monitors for Up to 16 Series Cells
o
±2.5% State-of-Charge (SOC) Accuracy
when Paired with MP279x Battery
Monitors
• Provides Critical Battery Information:
o
Pack and Cell SOC
o
Pack and Cell State-of-Health (SOH)
o
Remaining Runtime and Charge Time
o
Instantaneous Available Power
• Supports a Wide Variety of Lithium Cells
• Adaptive Learning Can Be Enabled to:
o
Refine Initial Charge Settings
o
Refine Initial Discharge Settings
o
Update
Individual Cells’ State-of-Health
(SOH) to Track Degradation
o
Update Equivalent Series Resistance
(ESR) to Track Degradation
• Provides Lifetime Logging
• Supports 5-Level LED SOC Indicator with
Push-Button Trigger
• 2.5V Minimum Supply Voltage
• Low Current Consumption: 6µA in Disabled
Mode and 135µA (Average) in Operating
Mode during Rest
• Supports Up to 400kHz I2C with CRC for
Robust Communication
• Available in a Compact TQFN-32
(4mmx4mm) Package
• Available in Turn-Key MPS BMS Module:
o
MBM1xS-P50-B and MBM1xS-P100-B
APPLICATIONS
• Light EVs: Scooters, Bikes, and Golf Carts
• Energy Storage: Uninterruptable Power
Supplies (UPS) and Renewable Energy
• Industrial Robots, Floor Cleaners, and
Forklifts
• Cordless Tools and Gardening Equipment
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.


Similar Part No. - MPF42791

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPF4392 MOTOROLA-MPF4392 Datasheet
119Kb / 6P
JFETs Switching
logo
ON Semiconductor
MPF4392 ONSEMI-MPF4392 Datasheet
119Kb / 6P
JFETs Switching
1997 REV 1
MPF4392 ONSEMI-MPF4392 Datasheet
75Kb / 6P
JFET Switching Transistors N?묬hannel ??Depletion
January, 2006 ??Rev. 5
MPF4392 ONSEMI-MPF4392 Datasheet
126Kb / 6P
JFET Switching Transistors
February, 2012 ??Rev. 6
MPF4392G ONSEMI-MPF4392G Datasheet
75Kb / 6P
JFET Switching Transistors N?묬hannel ??Depletion
January, 2006 ??Rev. 5
More results

Similar Description - MPF42791

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1007 TI-BQ27541-V200_1007 Datasheet
743Kb / 43P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27411-G1 TI1-BQ27411-G1 Datasheet
998Kb / 20P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
Multichemistry Battery Fuel Gauge
2007
logo
Silicon Mitus, Inc.
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com