Electronic Components Datasheet Search
  English  ▼

X  

MPF42791 Datasheet(PDF) 63 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 63 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 59Page - Monolithic Power Systems MPF42791 Datasheet HTML 60Page - Monolithic Power Systems MPF42791 Datasheet HTML 61Page - Monolithic Power Systems MPF42791 Datasheet HTML 62Page - Monolithic Power Systems MPF42791 Datasheet HTML 63Page - Monolithic Power Systems MPF42791 Datasheet HTML 64Page - Monolithic Power Systems MPF42791 Datasheet HTML 65Page - Monolithic Power Systems MPF42791 Datasheet HTML 66Page - Monolithic Power Systems MPF42791 Datasheet HTML 67Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
63
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
SOH_LRN_
DMAX,
0x14C1
If SOH_LRN_EN is enabled, these bits set
the maximum increase for SOH learning.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 0.1%
1%
0% to
25.5%
SOH_LRN_
DMIN,
0x14C2
If SOH_LRN_EN is enabled, these bits set
the maximum decrease for SOH learning.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 0.1%
1%
0% to
25.5%
SOH_LRN_
MAX,
0x14C3
If SOH_LRN_EN is enabled, these bits set
the maximum value for SOH learning.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 1%
110%
100% to
200%
SOH_LRN_MIN,
0x14C4
If SOH_LRN_EN is enabled, these bits set
the minimum value for SOH learning.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 1%
80%
0% to 100%
SOH_LRN_
TMAX,
0x14C5
If SOH_LRN_EN is enabled, these bits set
the
maximum
temperature
for
SOH
learning
8, [7:0]
R/W
8-bit signed, 2-comp
integer
LSB = 1°C
30°C
-128°C to
+127°C
SOH_LRN_
TMIN,
0x14C6
If SOH_LRN_EN is enabled, these bits set
the minimum temperature for SOH learning
8, [7:0]
R/W
8-bit signed, 2-comp
integer
LSB = 1°C
10°C
-128°C to
+127°C
SOH_LRN_
IMIN,
0x14C7
If SOH_LRN_EN is enabled, these bits set
the minimum current for SOH learning.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 0.01 C-rate
0.1 C-rate
0 C-rate to
2.55 C-rate
SOH_LRN_
IMAX,
0x14C8
If SOH_LRN_EN is enabled, these bits set
the maximum current for SOH learning.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 0.01 C-rate
2 C-rate
0 C-rate to
2.55 C-rate
RESR_LRN_
DITH,
0x1540
Sets the minimum current variation for
equivalent series resistance learning.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 0.01 C-rate/s
0.5 C-rate/s
0 C-rate/s
to 2.55 C-
rate/s
RESR_LRN_
DRSTD,
0x1541
Sets the maximum (standard) resistance
variation for ESR learning.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 0.1%
2.5%
0% to
25.5%
RESR_LRN_DR
EXT,
0x1542
Sets the maximum (extended) resistance
variation for ESR learning.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 0.1 %
10%
0% to
25.5%
RESR_LRN_NHI
T2EXT,
0x1543
Sets the number of times the standard
resistance variation must be
reached
before using the extended resistance
variation for ESR learning.
4, [3:0]
R/W
8-bit unsigned integer
LSB = 1
4
0 to 8
RCXN_CELLS_
LRN_NAVG,
0x1580
Sets the number of events required for
pack connection resistance learning.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 1 event
100
event(s)
1 to 255
event(s)
RCXN_CELLS_
LRN_DITH,
0x1581
Sets the current derivative threshold for
pack connection resistance learning.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 0.01 C-rate/s
0.5 C-rate/s
0 to 2.55 C-
rate/s
RCXN_CELLS_
LRN_RMIN,
0x1582
Sets the minimum resistance for pack
connection resistance learning.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 1m
Ω
0m
Ω
0m
Ω to
255m
Ω
RCXN_CELLS_
LRN_RMAX,
0x1583
Sets the maximum resistance for pack
connection resistance learning.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 1m
Ω
20m
Ω
0m
Ω to
255m
Ω
HCONV_LRN_
K,
0x15C0
Sets the heat transfer coefficient gain.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 0.1W/(m2 x K^2)
1W/(m2 x K^2)
0W/(m2 x K^2)
to 25.5W/
(m2 x K^2)
HCONV_LRN_
RNG,
0x15C1
Sets the heat transfer coefficient range.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 0.5%
10%
0% to 100%
HCONV_LRN_
DTIMETH,
0x15C2
Sets the heat transfer coefficient learning
time derivative threshold.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 1s
10s
0s to 255s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com