Electronic Components Datasheet Search
  English  ▼

X  

MPF42791 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 3Page - Monolithic Power Systems MPF42791 Datasheet HTML 4Page - Monolithic Power Systems MPF42791 Datasheet HTML 5Page - Monolithic Power Systems MPF42791 Datasheet HTML 6Page - Monolithic Power Systems MPF42791 Datasheet HTML 7Page - Monolithic Power Systems MPF42791 Datasheet HTML 8Page - Monolithic Power Systems MPF42791 Datasheet HTML 9Page - Monolithic Power Systems MPF42791 Datasheet HTML 10Page - Monolithic Power Systems MPF42791 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
7
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 3.3V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
State-of-Charge (SOC) Performance
Pack state-of-charge (SOC)
accuracy (5)
θERR
MPS MP279x AFE family,
15°C ≤ TA ≤ 35°C, ICHG ≤ 0.5C,
IDIS
≤ 0.5C
-2
0
+2
%
MPS MP279x AFE family,
10°C ≤ TA ≤ 50°C, ICHG ≤ 1C,
IDIS
≤ 1C
-3
0
+3
%
MPS MP279x AFE family,
10°C ≤ TA ≤ 50°C, ICHG ≤ 2C,
IDIS
≤ 2C
-4
0
+4
%
Power Supply
VDD operating voltage range
VDD
2.5
3.3
3.6
V
VCC operating voltage range
VCC
2.5
3.3
3.6
V
Total active current
IDD_ACTIVE
VDD = 3.3V, LEDs off, fuel
gauge updating
4.3
mA
Total standby current
IDD_
STANDBY
VDD = 3.3V, LEDs off, fuel
gauge idle
50
μA
Average operating current
during CHG or DSG
IDD_
CHG/DSG
VDD = 3.3V, LEDs off,
EXE_TIME = 4s,
NCELLS_SER = 10, with I2C
traffic
476
μA
Average operating current
during rest
IDD_REST
VDD = 3.3V, LEDs off,
NCELLS_SER = 10,
EXE_TIME = 4s,
WEXE_TIME_REST = 4, with
I2C traffic
192
μA
Total disabled current
IDD_DIS
VDD = 3.3V
6
μA
Power-On Reset (POR)
Release threshold of POR
VROT
VDD rising
1.66
1.79
1.9
V
nRST Pin
nRST pin threshold voltage
VRST
0.2 x VDD
0.9 x VDD
V
Minimum pulse width on
nRST pin
tRST
VDD = 3.3V
700
ns
Timeout after reset
tTOUT
64
128
ms
CE
Low input voltage
VOL_CE
IOL = 5mA
-0.3
0.35 x VDD
V
High input voltage
VOH_CE
0.65 x VDD
0.3V + VDD
V
Low leakage current
ICE_LKG_
LOW
VCE = 3.3V
3
μA
High leakage current
ICE_LKG_
HIGH
VCE = 3.3V
3
μA
IRQ
Low output voltage
VIRQL
Sink = 4mA
0.4
V
High output voltage
VIRQH
Source = 4mA
VDD - 0.4
V
PB
Low input voltage
VPBL
-0.3
0.35 x VDD
V
High input voltage
VPBH
0.65 x VDD
0.3V + VDD
V
CHSL
Low input voltage
VPBL
-0.3
0.35 x VDD
V
High input voltage
VPBH
0.65 x VDD
0.3V + VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com