Electronic Components Datasheet Search
  English  ▼

X  

MPF42791 Datasheet(PDF) 69 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 69 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 65Page - Monolithic Power Systems MPF42791 Datasheet HTML 66Page - Monolithic Power Systems MPF42791 Datasheet HTML 67Page - Monolithic Power Systems MPF42791 Datasheet HTML 68Page - Monolithic Power Systems MPF42791 Datasheet HTML 69Page - Monolithic Power Systems MPF42791 Datasheet HTML 70Page - Monolithic Power Systems MPF42791 Datasheet HTML 71Page - Monolithic Power Systems MPF42791 Datasheet HTML 72Page - Monolithic Power Systems MPF42791 Datasheet HTML 73Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
69
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
APPLICATION INFORMATION
CORE ALGORITHM
The fuel gauge core algorithm accurately
estimates
core
cell-level
and
pack-level
parameters.
These core parameters can be
found in the Fuel Gauge Output register map.
Cell Mathematical Model
Cell dynamics are influenced by multiple factors,
such
as
chemistry,
SOC,
current,
and
temperature.
A
mathematical
model
that
captures the cell’s most important dynamics is
required
to
accurately
measure
internal
variables.
Cell mathematical models are provided by MPS.
These models are either from a database or they
are a result of the cell characterization routine.
Cell State-of-Charge (SOC)
Cell SOC (SOC_ABS_CELLx) refers to the cell
capacity that is currently available, as a function
of the rated capacity. SOC is an unknown,
internal
variable
that
cannot
be
directly
measured, meaning it must be estimated using
available measurements. The MPF42791 uses
voltage,
current,
and
temperature
measurements observed over time to produce
accurate SOC estimates across a wide range of
operating conditions.
Empty State-of-Charge (SOC)
Empty SOC (EMTY_SOC_CELLx) refers to the
SOC level at which the battery pack is unable to
discharge further without reaching the voltage
cutoff limits defined in VPACK_EMTY. The
empty SOC prediction relies on the operating
conditions of the different cells, as well as the
discharge current supplied to the load, which is
specific to each application.
In addition, the MPF42791 can predict whether
the battery pack discharge is limited by the pack
or one of the cells (the cell ID is provided). This
is extremely important for accurate empty SOC
estimation in unbalanced packs, since the fuel
gauge must track the condition that limits the
battery pack discharge.
Full State-of-Charge (SOC)
Full SOC (FULL_SOC_CELLx) refers to the
SOC level at which the battery pack is unable to
charge further without leaving the safe operating
area (SOA). The full SOC prediction relies on the
operating conditions of the different cells, as well
as
the
constant-current/constant-voltage
(CC/CV) charging sequence, which is specific to
each application.
The MPF42791 can predict whether the battery
pack charge is limited by the pack or one of the
cells (the cell ID is provided). This is extremely
important for accurate full SOC estimation in
unbalanced packs, since the fuel gauge must
track the condition that limits the battery pack
charge.
Thermal Modeling
The MPF42791 incorporates battery thermal
modeling, which is extremely important to
account for battery self-heating.
The internal resistance of each cell causes the
cell’s temperature to rise during charge and
discharge due to the Joule heating effect. As
temperature
of
cells
increases,
internal
resistance decreases and this can dramatically
impact
performance,
especially
at
low
temperatures.
The ability to predict this temperature rise allows
the fuel gauge to determine state-of-charge
more accurately.
Pack State-of-Charge (SOC)
Pack SOC (SOC_PACK) provides the capacity,
which is a function of the available capacity given
the actual pack operating conditions. Pack SOC
relies on cell-level quantities and tracks the
remaining capacity that the battery can charge or
discharge without reaching the cutoff limits.
Pack SOC can be considered the most vital
estimate since it is typically the value shown to
the application end user.
Pack Unavailable State-of-Charge (SOC)
Pack unavailable SOC (SOC_PACK_UNAVBL)
refers to the capacity that is not available due to
the actual pack operating conditions (e.g.
mismatched
cells
and
battery
pack
configurations). Pack unavailable SOC provides
the capacity that the battery cannot use without
violating the defined SOA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com