Electronic Components Datasheet Search
  English  ▼

X  

MPF42791 Datasheet(PDF) 61 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 61 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 57Page - Monolithic Power Systems MPF42791 Datasheet HTML 58Page - Monolithic Power Systems MPF42791 Datasheet HTML 59Page - Monolithic Power Systems MPF42791 Datasheet HTML 60Page - Monolithic Power Systems MPF42791 Datasheet HTML 61Page - Monolithic Power Systems MPF42791 Datasheet HTML 62Page - Monolithic Power Systems MPF42791 Datasheet HTML 63Page - Monolithic Power Systems MPF42791 Datasheet HTML 64Page - Monolithic Power Systems MPF42791 Datasheet HTML 65Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
61
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
NCELLS_SER,
0x1200
Sets the number of series-connected
cells in the battery pack.
5, [4:0]
R/W
8-bit unsigned integer
LSB = 1
16
2 to 16
NCELLS_PAR,
0x1201
Sets the number of parallel-connected
cells in the battery pack.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 1
1
1 to 255
NTSS,
0x1202
Sets the number of temperature sensors
in the battery pack.
3, [2:0]
R/W
8-bit unsigned integer
LSB = 1
1
1 to 4
IDIS_AVG_SET,
0x1280
Sets the nominal average discharge
current (i.e. IDIS_AVG).
16, [15:0]
R/W
16-bit unsigned integer
LSB = 0.001 C-rate
1 C-rate
0.001 C-rate
to 65.535
C-rate
IDIS_END_SET,
0x1282
Sets the nominal discharge termination
current (i.e. IDIS_END).
16, [15:0]
R/W
16-bit unsigned integer
LSB = 0.001 C-rate
1 C-rate
0.001 C-rate
to 65.535
C-rate
ICHG_CC_SET,
0x12C0
Sets
the
nominal
charge
constant
current (i.e. ICHG_CC). It should be set
to the nominal current that applied by the
external charger to the battery pack
while in the charge CC region.
16, [15:0]
R/W
16-bit unsigned integer
LSB = 0.001 C-rate
0.5
C-rate
0.001 C-rate
to 65.535
C-rate
ICHG_END_
SET,
0x12C2
Sets the nominal charge termination
current (i.e. ICHG_END).
It should be set to the nominal current,
which is used to detect the end of charge
while in the charge CV region.
16, [15:0]
R/W
16-bit unsigned integer
LSB = 0.001 C-rate
0.1
C-rate
0.001 C-rate
to 65.535
C-rate
ICHG_END_
MRGN,
0x12C4
Sets the charge termination current (i.e.
ICHG_END_SET) margin.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 0.001 C-rate
0.005
C-rate
0 C-rate to
0.255 C-rate
VCHG_CV_SET,
0x12C5
Sets
the
nominal
charge
constant
voltage (i.e. VCHG_CV).
This value should be set to the nominal
voltage, which is applied to the battery
pack by the external charger during CV
charge.
16, [15:0]
R/W
16-bit unsigned integer
LSB = 2mV
66400mV
0mV to
131070mV
EMTY_RTIME_
FILTER,
0x1304
Sets the filter time constant for the
remaining
time-to-empty
(i.e.
EMTY_RTIME).
Increasing
EMTY_RTIME_FILTER
results in a smoother estimate at the
tradeoff of an increased phase delay.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 1s
60s
0s to 255s
EMTY_DTEMP_
FILTER,
0x1305
Sets the filter time constant for the
predicted remaining time-to-empty (i.e.
EMTY_RTIME).
8, [7:0]
R/W
8-bit unsigned integer
LSB = 1s
60s
0s to 255s
FULL_RTIME_
FILTER,
0x1345
Sets the filter time constant for the
remaining
time-to-full
(i.e.
FULL_RTIME).
8, [7:0]
R/W
8-bit unsigned integer
LSB = 1s
60s
0s to 255s
FULL_DTEMP_
FILTER,
0x1346
Sets the filter time constant for the
predicted
temperature-to-full
(i.e.
FULL_DTEMP).
8, [7:0]
R/W
8-bit unsigned integer
LSB = 1s
60s
0s to 255s
ICHG_CC_
LRN_RNG,
0x1380
If ICHG_CC_LRN_EN is enabled, these
bits set the charge CC (i.e. ICHG_CC)
learning range.
8, [7:0]
R/W
8-bit unsigned integer
LSB = 0.5%
10%
0% to 100%
ICHG_CC_
LRN_SOCTH,
0x1381
Sets the SOC threshold for charge CC
learning (i.e. ICHG_CC).
8, [7:0]
R/W
8-bit unsigned integer
LSB = 0.5 %
80%
0% to 100%
ICHG_CC_
LRN_DITH,
0x1382
Sets
the
charge
current
derivative
threshold for charge CC learning (i.e.
ICHG_CC).
8, [7:0]
R/W
8-bit unsigned integer
LSB = 0.01 mA/s
0.1mA/s
0mA/s to
2.55mA/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com