Electronic Components Datasheet Search
  English  ▼

X  

MPF42791 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 5Page - Monolithic Power Systems MPF42791 Datasheet HTML 6Page - Monolithic Power Systems MPF42791 Datasheet HTML 7Page - Monolithic Power Systems MPF42791 Datasheet HTML 8Page - Monolithic Power Systems MPF42791 Datasheet HTML 9Page - Monolithic Power Systems MPF42791 Datasheet HTML 10Page - Monolithic Power Systems MPF42791 Datasheet HTML 11Page - Monolithic Power Systems MPF42791 Datasheet HTML 12Page - Monolithic Power Systems MPF42791 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
9
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
The MPF42791 fuel gauge performance depends on multiple factors, such as the accuracy of the
measurements, the correctness of the configuration, and the fidelity of the cell mathematical model. This
means that fuel gauge performance may vary depending on the battery operating conditions.
This section shows
examples of the MPS MPF42791 fuel gauge pack’s SOC performance when paired
with MPS’s MP279x AFE family.
Constant-Current/Constant-Voltage (CC/CV) Charge and Dynamic Discharge Cycle
The next scenarios consist of charging a 10S1P (6) battery using the typical CC/CV method, followed by
a highly dynamic discharge at different ambient temperatures. The charge constant current rate is 1C,
while the charge termination current in this example is 0.1C. The highly dynamic discharge corresponds
to a typical e-bike
’s current profile, with an average current of 1C and maximum peak currents up to 2.8C.
Figure 3 shows the current profile of the complete cycle at 25°C.
Figure 3: CC/CV Charge and Dynamic Discharge Current Profile
Figure 4 shows the MPF42791
’s performance for the CC/CV charge and dynamic discharge cycle at an
ambient temperature of 25°C. During charge, the root-mean-squared (7) and maximum pack SOC error
are 0.61% and 1.03%, respectively. During discharge, the root-mean-squared and pack SOC error are
0.78% and 1.94%, respectively.
Notes:
6) 10S1P refers to the battery configuration. There are 10 groups of 1 parallel cell connected in series.
7) The RMS error is equal to √
∑
(������������−������
̂
������)
2
������
������=1
������
, where
θ is the actual SOC, ������̂ is the estimated SOC, and N is the number of samples.
Figure 4: MPF42791 Performance for a CC/CV Charge and Dynamic Discharge (Ambient Temperature =
25°C)
0
20
40
0
0
100
120
140
1 0
Time min
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
0
20
40
0
0
100
120
140
1 0
Time min
0
20
40
0
0
100
-10
-5
0
5
10
-3
SOC Error ound
3
SOC Error ound
MPF42791
Reference
Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com