Electronic Components Datasheet Search
  English  ▼

X  

MPF42791 Datasheet(PDF) 32 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 28Page - Monolithic Power Systems MPF42791 Datasheet HTML 29Page - Monolithic Power Systems MPF42791 Datasheet HTML 30Page - Monolithic Power Systems MPF42791 Datasheet HTML 31Page - Monolithic Power Systems MPF42791 Datasheet HTML 32Page - Monolithic Power Systems MPF42791 Datasheet HTML 33Page - Monolithic Power Systems MPF42791 Datasheet HTML 34Page - Monolithic Power Systems MPF42791 Datasheet HTML 35Page - Monolithic Power Systems MPF42791 Datasheet HTML 36Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
32
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
RCXN_CELL11_
BKUP,
0x03D4
These bits are the backup register for
cell 11’s
connection resistance state. This address is a
R/W alias for the RCXN_CELL11 register.
The fuel gauge must be in learning backup
mode for this register to be written. For more
details, see the FG_BKUP_ENABLE register
on page 33 and the FG_BKUP_FLAG register
on page 54.
Writing to this backup register or any other
cell RCXN register prepares the fuel gauge to
use the values written in this register as a
starting point for the RCXN learning.
16, [15:0]
R/W
16-bit unsigned
integer
LSB = 0.1m
Ω
0m
Ω
0m
Ω to
6553.5m
Ω
RCXN_CELL12_
BKUP,
0x03D6
These bits are the backup register for
cell 12’s
connection resistance state. This address is a
R/W alias for the RCXN_CELL12 register.
The fuel gauge must be in learning backup
mode for this register to be written. For more
details, see the FG_BKUP_ENABLE register
on page 33 and the FG_BKUP_FLAG register
on page 54.
Writing to this backup register or any other
cell RCXN register prepares the fuel gauge to
use the values written in this register as a
starting point for the RCXN learning.
16, [15:0]
R/W
16-bit unsigned
integer
LSB = 0.1m
Ω
0m
Ω
0m
Ω to
6553.5m
Ω
RCXN_CELL13_
BKUP,
0x03D8
These bits are the backup register for
cell 13’s
connection resistance state. This address is a
R/W alias for the RCXN_CELL13 register.
The fuel gauge must be in learning backup
mode for this register to be written. For more
details, see the FG_BKUP_ENABLE register
on page 33 and the FG_BKUP_FLAG register
on page 54.
Writing to this backup register or any other
cell RCXN register prepares the fuel gauge to
use the values written in this register as a
starting point for the RCXN learning.
16, [15:0]
R/W
16-bit unsigned
integer
LSB = 0.1m
Ω
0m
Ω
0m
Ω to
6553.5m
Ω
RCXN_CELL14_
BKUP,
0x03DA
These bits are the backup register for
cell 14’s
connection resistance state. This address is a
R/W alias for the RCXN_CELL14 register.
The fuel gauge must be in learning backup
mode for this register to be written. For more
details, see the FG_BKUP_ENABLE register
on page 33 and the FG_BKUP_FLAG register
on page 54.
Writing to this backup register or any other
cell RCXN register prepares the fuel gauge to
use the values written in this register as a
starting point for the RCXN learning.
16, [15:0]
R/W
16-bit unsigned
integer
LSB = 0.1m
Ω
0m
Ω
0m
Ω to
6553.5m
Ω
RCXN_CELL15_
BKUP,
0x03DC
These bits are the backup register for
cell 15’s
connection resistance state. This address is a
R/W alias for the RCXN_CELL15 register.
The fuel gauge must be in learning backup
mode for this register to be written. For more
details, see the FG_BKUP_ENABLE register
on page 33 and the FG_BKUP_FLAG register
on page 54.
Writing to this backup register or any other
cell RCXN register prepares the fuel gauge to
use the values written in this register as a
starting point for the RCXN learning.
16, [15:0]
R/W
16-bit unsigned
integer
LSB = 0.1m
Ω
0m
Ω
0m
Ω to
6553.5m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com