Electronic Components Datasheet Search
  English  ▼

X  

MPF42791 Datasheet(PDF) 71 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 71 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 67Page - Monolithic Power Systems MPF42791 Datasheet HTML 68Page - Monolithic Power Systems MPF42791 Datasheet HTML 69Page - Monolithic Power Systems MPF42791 Datasheet HTML 70Page - Monolithic Power Systems MPF42791 Datasheet HTML 71Page - Monolithic Power Systems MPF42791 Datasheet HTML 72Page - Monolithic Power Systems MPF42791 Datasheet HTML 73Page - Monolithic Power Systems MPF42791 Datasheet HTML 74Page - Monolithic Power Systems MPF42791 Datasheet HTML 75Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 71 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
71
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
learning. In continuous learning mode, the
discharge
termination
current
updates
continuously while the pack discharges to
accurately determine the empty SOC. Past-cycle
learning uses the previous discharge cycle data
to learn. Continuous learning is recommended
for unpredictable discharge termination currents,
whereas past-cycle learning is recommended for
consistent discharge termination currents.
State-of-Health (SOH)
As
battery
cells
age,
their
total
capacity
decreases due to unwanted side reactions and
structural deterioration (often referred to as
capacity
fading).
Up-to-date
state-of-health
(SOH) information is important since it has a
major impact on the battery pack’s available
energy.
The MPF42791 incorporates an SOH learning
(SOH_LRN) feature that can track individual
cells’ capacities (SOH_CELLx) with respect to
their nominal capacity. This feature can identify
cells that are negatively impacting the overall
pack performance.
Equivalent Series Resistance (ESR)
As battery cells age, their equivalent series
resistance (ESR) increases due to unwanted
side reactions and structural deterioration (often
referred to as power fading). Up-to-date ESR
information is important since it has a major
impact on the battery pack’s available power and
SOC estimates.
The MPF42791 incorporates an ESR learning
(RESR_LRN) feature that tracks individual cells’
ESR (RESR_CELL_DIS_x) with respect to their
characterized value. This feature can identify
cells that are negatively impacting the overall
pack performance.
LIFETIME LOG SOC
Important events and certain conditions are
reported in the lifetime log to gain insight on how
the battery pack has been operating. The
MPF42791 backs the relevant registers up to its
non-volatile memory (NVM) every time the part
enters disabled mode (or for each elapsed hour).
Count Log
The count log is the number of times the pack
has been charged from below 15% to above
85%. The number of times the pack has been
charged by 10% and the number of shutdowns
are also reported in the lifetime log. Full
shutdowns and entering disabled mode are
considered
shutdowns,
and
increase
the
counter.
Current Log
The current log is the maximum charge and
discharge current that has been applied to the
pack. It is reported in the lifetime log.
Voltage Log
The voltage log tracks the maximum and
minimum voltage for each cell. This is reported
in the lifetime log. In addition, the maximum cell
voltage difference between two cells is also
reported, as well as their corresponding cell IDs.
Temperature Log
The temperature log tracks the maximum and
minimum temperature sensed on the pack. It
also
reports
the
maximum
temperature
difference between two sensors, and their
corresponding temperature sensor IDs.
The lifetime log details how much time the pack
has
operated
under
different
temperature
ranges.
Balancing Log
The balancing log tracks the number of times
each cell has been balanced.
PCB Layout Guidelines
Place the bypass capacitor between each pair of
VDD and GND pins, and as close as possible to
the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com