Electronic Components Datasheet Search
  English  ▼

X  

MPF42791 Datasheet(PDF) 33 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 33 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 29Page - Monolithic Power Systems MPF42791 Datasheet HTML 30Page - Monolithic Power Systems MPF42791 Datasheet HTML 31Page - Monolithic Power Systems MPF42791 Datasheet HTML 32Page - Monolithic Power Systems MPF42791 Datasheet HTML 33Page - Monolithic Power Systems MPF42791 Datasheet HTML 34Page - Monolithic Power Systems MPF42791 Datasheet HTML 35Page - Monolithic Power Systems MPF42791 Datasheet HTML 36Page - Monolithic Power Systems MPF42791 Datasheet HTML 37Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
33
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
RCXN_CELL16_
BKUP,
0x03DE
These bits are the backup register for
cell 1 ’s
connection resistance state. This address is a
R/W alias for the RCXN_CELL16 register.
The fuel gauge must be in learning backup
mode for this register to be written. For more
details, see the FG_BKUP_ENABLE register
on page 33 and the FG_BKUP_FLAG register
on page 54.
Writing to this backup register or any other
cell RCXN register prepares the fuel gauge to
use the values written in this register as a
starting point for the RCXN learning.
16, [15:0]
R/W
16-bit unsigned
integer
LSB = 0.1m
Ω
0m
Ω
0m
Ω to
6553.5m
Ω
FG_BKUP_
ENABLE,
0x03F0
Enables learning backup mode. See the
FG_BKUP_FLAG register on page 54 for
more details.
1, [0]
Write-only
Control
Enable = 1
Disable = 0
0
0 to 1
Fuel Gauge Output
Name, Address
Description
Bit Length,
Position
Type
Encoding
Decoded
Default Value
Range
IT_DONE_INTR,
0x0400
Signals an interrupt when an iteration has
been completed. Setting this bit to 1
clears the interrupt. This interrupt bit is
automatically
cleared
when
a
new
iteration is requested.
1, [0]
W1C/RO
Boolean
true/false
0
0 to 1
STATUS_INTR,
0x0400
Signals an interrupt when there is a
change in the STATUS register. Setting
this bit to 1 clears the interrupt.
1, [1]
W1C/RO
Boolean
true/false
0
0 to 1
EMTY_LIM_
INTR,
0x0400
Signals an interrupt when there is a
change in the EMPTY_LIM register,
which indicates that the empty limiting
factor has changed. Setting this bit to 1
clears the interrupt.
1, [2]
W1C/RO
Boolean
true/false
0
0 to 1
FULL_LIM_
INTR,
0x0400
Signals an interrupt when there is a
change in the FULL_LIM register, which
indicates that the full limiting factor has
changed. Setting this bit to 1 clears the
interrupt.
1, [3]
W1C/RO
Boolean
true/false
0
0 to 1
SOC_PACK_
RSLT_INTR,
0x0400
Signals an interrupt when there is a
change
in
the
SOC_PACK_RSLT
register, which indicates that the pack
SOC result has changed. Setting this bit
to 1 clears the interrupt.
1, [4]
W1C/RO
Boolean
true/false
0
0 to 1
OT_WARN_
INTR,
0x0400
Signals an interrupt when an over-
temperature (OT) condition occurs; check
the statuses of OT_ID, WARN_OTDIS,
WARN_OTCHG_CC,
and
WARN_OTCHG_END for more details.
Setting this bit to 1 clears the interrupt.
1, [5]
W1C/RO
Boolean
true/false
0
0 to 1
IDIS_AVG_
INTR,
0x0400
Signals an interrupt when there is a
change
in
the
IDIS_AVG_LRN
or
IDIS_AVG_RSLT
registers,
which
indicates a change for the average
discharge current learning. Setting this bit
to 1 clears the interrupt.
1, [6]
W1C/RO
Boolean
true/false
0
0 to 1
IDIS_END_
INTR,
0x0400
Signals an interrupt when there is a
change
in
the
IDIS_END_LRN
or
IDIS_END_RSLT
registers,
which
indicates a change for the discharge end
current learning. Setting this bit to 1 clears
the interrupt.
1, [7]
W1C/RO
Boolean
true/false
0
0 to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com