Electronic Components Datasheet Search
  English  ▼

X  

MPF42791 Datasheet(PDF) 65 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 65 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 61Page - Monolithic Power Systems MPF42791 Datasheet HTML 62Page - Monolithic Power Systems MPF42791 Datasheet HTML 63Page - Monolithic Power Systems MPF42791 Datasheet HTML 64Page - Monolithic Power Systems MPF42791 Datasheet HTML 65Page - Monolithic Power Systems MPF42791 Datasheet HTML 66Page - Monolithic Power Systems MPF42791 Datasheet HTML 67Page - Monolithic Power Systems MPF42791 Datasheet HTML 68Page - Monolithic Power Systems MPF42791 Datasheet HTML 69Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
65
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
LED2_ON,
0x4000
1: If manual LED control is set to 1 the LED turns on
0: If manual LED control is set to 1 the LED turns off
1, [4]
R/W
Control
On = 1
Off = 0
0
0 to 1
LED3_ON,
0x4000
1: If manual LED control is set to 1 the LED turns on
0: If manual LED control is set to 1 the LED turns off
1, [5]
R/W
Control
On = 1
Off = 0
0
0 to 1
LED4_ON,
0x4000
1: If manual LED control is set to 1 the LED turns on
0: If manual LED control is set to 1 the LED turns off
1, [6]
R/W
Control
On = 1
Off = 0
0
0 to 1
LED5_ON,
0x4000
1: If manual LED control is set to 1 the LED turns on
0: If manual LED control is set to 1 the LED turns off
1, [7]
R/W
Control
On = 1
Off = 0
0
0 to 1
LED_TRANS,
0x4001
Sets the deglitch time to control when the LED turns
on/off upon transitioning between charge and
discharge mode.
7, [6:0]
R/W
8-bit unsigned integer
LSB = 0.1s
4s
0s to
12.7s
LEDS_ON_
TIME,
0x4002
Sets the time during which the LEDs are on after
pressing the LED push-button.
4, [3:0]
R/W
8-bit unsigned integer
LSB = 1s
Offset = 1s
5s
1s to 16s
I2C Settings and Info
Name, Address
Description
Bit Length,
Position
Type
Encoding
Decoded
Default Value
Range
I2C_ADDRESS,
0x4100
Selects the slave I2C address of the
device.
7, [6:0]
R/W
8-bit unsigned
integer
LSB = 1
8
0 to 127
I2C_CRC_EN,
0x4100
1: Enable CRC for I2C communication.
Only write commands with the correct
CRC are accepted. The response after a
read command includes the 4 CRC
bytes at the end
0: Disable CRC for I2C communication.
Write commands with no CRC bytes (or
with the correct CRC) are accepted. The
response after a read command does
not include the 4 CRC bytes
1, [7]
R/W
Control
Enable = 1
Disable = 0
1
0 to 1
I2C_CHANNEL,
0x4200
This RO register returns to the master,
and the I2C channel is used for the
current transaction.
1: The master is connected to the
secondary I2C channel
0: The master is connected to the
primary I2C channel
1, [0]
Read-only
Boolean
true/false
0
0 to 1
I2C_CHAN_
SEL,
0x4200
Returns the state of the I2C_SEL pin,
which
determines
the
selected
I2C
channel to accept write operations.
1: The secondary I2C channel is selected
for write operations
0: The primary I2C channel is selected
for write operations
1, [1]
Read-only
Boolean
true/false
0
0 to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com