Electronic Components Datasheet Search
  English  ▼

X  

80221 Datasheet(PDF) 18 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 18 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 14Page - LSI Computer Systems 80221 Datasheet HTML 15Page - LSI Computer Systems 80221 Datasheet HTML 16Page - LSI Computer Systems 80221 Datasheet HTML 17Page - LSI Computer Systems 80221 Datasheet HTML 18Page - LSI Computer Systems 80221 Datasheet HTML 19Page - LSI Computer Systems 80221 Datasheet HTML 20Page - LSI Computer Systems 80221 Datasheet HTML 21Page - LSI Computer Systems 80221 Datasheet HTML 22Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 91 page
background image
80220/80221
MD400159/E
18
3.8.3 Transmit Level Adjust
The transmit output current level is derived from an internal
reference voltage and the external resistor on REXT pin.
The transmit level can be adjusted with either (1) the
external resistor on the REXT pin, or (2) the four transmit
level adjust bits in the MI serial port Configuration 1 register
as shown in Table 3. The adjustment range is approxi-
mately -14% to +16% in 2% steps.
Table 3. Transmit Level Adjust
TLVL[3:0]
Gain
0000
1.16
0001
1.14
0010
1.12
0011
1.10
0100
1.08
0101
1.06
0110
1.04
0111
1.02
1000
1.00
1001
0.98
1010
0.96
1011
0.94
1100
0.92
1101
0.90
1110
0.88
1111
0.86
3.8.4 Transmit Rise And Fall Time Adjust
The transmit output rise and fall time can be adjusted with
either (1) the two pins TRFADJ[1:0], or (2) the two transmit
rise/fall time adjust bits in the MI serial port Configuration
1. The adjustment range is -0.25 nS to +0.5 nS in 0.25 nS
steps. When the TRFADJ[1:0] pins are set to 1 and 0,
respectively, the rise and fall times are set with the register
bits (with 0 ns as the default). When TRFADJ[1:0] pin are
set to anything other than 10, then the pins control the
transmit rise and fall time as shown in the Pin Description
and the TRFADJ[1:0] bits are disabled.
3.8.5 STP (150 Ohm) Cable Mode
The transmitter can be configured to drive 150 Ohm
shielded twisted pair cable.
The STP mode can be
selected by appropriately setting the cable type select bit
in the MI serial port Configuration 1 register. When STP
mode is enabled, the output current is automatically ad-
justed to comply with IEEE 802.3 levels.
3.8.6 Transmit Activity Indication
Transmit activity can be programmed to appear on some
of the PLED[5:0] pins by appropriately setting the pro-
grammable LED output select bits in the MI serial port LED
Configuration 2 register as described in Table 5. When
one or more of the PLED[5:0] pins is programmed to be an
activity or transmit activity detect output, that pin is as-
serted low for 100 mS every time a transmit packet occurs.
The PLED[5:0] output is open drain with pullup resistor
and can drive an LED from VCC or can drive another digital
input.
3.8.7 Transmit Disable
The TP transmitter can be disabled by setting the transmit
disable bit in the MI serial port Configuration 1 register.
When the transmit disable bit is set, the TP transmitter is
forced into the idle state, no data is transmitted, no link
pulses are transmitted, and internal loopback is disabled.
3.8.8 Transmit Powerdown
The TP transmitter can be powered down by setting the
transmit powerdown bit in the MI serial port Configuration
1 register. When the transmit powerdown bit is set, the TP
transmitter is powered down, the TP transmit outputs are
high impedance, and the rest of the 80220/80221 operates
normally.
3.9 TWISTED PAIR RECEIVER
3.9.1 Receiver - 100 Mbps
The TP receiver detects input signals from the twisted pair
input and convert it to a digital data bit stream ready for
clock and data recovery. The receiver can reliably detect
data from a 100Base-TX compliant transmitter that has
been passed through 0-100 meters of 100 Ohm category
5 UTP or 150 Ohm STP.
The 100 Mbps receiver consists of an adaptive equalizer,
baseline wander correction circuit, comparators, and MLT-
3 decoder. The TP inputs first go to an adaptive equalizer.
The adaptive equalizer compensates for the low pass
characteristic of the cable, and it has the ability to adapt
and compensate for 0-100 meters of category 5,100 Ohm
UTP or 150 Ohm STP twisted pair cable. The baseline
wander correction circuit restores the DC component of
the input waveform that was removed by external trans-
formers. The comparators convert the equalized signal
back to digital levels and are used to qualify the data with
the squelch circuit. The MLT-3 decoder takes the three



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com