Electronic Components Datasheet Search
  English  ▼

X  

80221 Datasheet(PDF) 87 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 87 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 83Page - LSI Computer Systems 80221 Datasheet HTML 84Page - LSI Computer Systems 80221 Datasheet HTML 85Page - LSI Computer Systems 80221 Datasheet HTML 86Page - LSI Computer Systems 80221 Datasheet HTML 87Page - LSI Computer Systems 80221 Datasheet HTML 88Page - LSI Computer Systems 80221 Datasheet HTML 89Page - LSI Computer Systems 80221 Datasheet HTML 90Page - LSI Computer Systems 80221 Datasheet HTML 91Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 87 / 91 page
background image
80220/80221
4-87
MD400159/E
87
Page 81, Figure 33. MI Serial Port Timing:
- Reference to t
104 now extends to MDC timing.
- MDIO (Read) and MDIO (Write), Timing labels have changed.
- MDIO (Write) Data 0 rising edge is now rising falling.
9/15/97
9/15/97 Document Revision changed to MD400159/C
General: All references to 80 pin PQFP have been changed to 64 LQFP.
General: All references to Pin 26 Configuration have been changed to R/J Configuration.
Page 2, 80 Pin Configuration illustration has been changed to 64 Pin Configuration illustration.
Page 5, 1.0 Pin Description
- All Pin Number references to 80 pin PQFP has been changed to 64 pin LQFP for this table.
Page 7, 1.0 Pin Description
- Pin Name PLED 5, Description, Programmable has been changed to Receive.
- Pin Name PLED 4, Description, Programmable has been changed to Transmit.
Page 23, Section 3.13.6 AutoNegotiation Status
- The MI serial port ... inTable 4. Copy has been deleted.
Page 24, Table 4 has been deleted.
Page 33, Table 9, MI Serial Port Register Map
- 4 AutoNegot. Advertisement, Def. Bits 3,2,1,0 have been changed from 0 to –.
- 16 Configuration Bit 9 has been changed to UNSCR_DIS
- 18 Status Output, Bit 5 has been changed to 0, Bit 4 has been changed to 0.
Page 37, Table 13, MI Register 3(PHY ID #2) Structure and Bit Definition
- Name, Manufacturer's Revision Number Definition has been changed from 0H to –H, all Def, have been
changed from 0 to –.
Page 40, Table 16. MI Register 16 (Configuration 1) Structure and Bit Definition.
- Bit 16.9 Symbol is now UNSCR_DIS, Name is now, Unscrambled Idle Reception Disable.
- Bit 16.9 Definition has been changed to:
1 = Disable AutoNegotiation with devices that
transmit unscrambled idle on powerup and
various instances
0 = Enables AutoNegotiation with devices that
transmit unscramblled idle on powerup and
various instances
Page 42, Table 18 MI Register 18 (Status Output) Structure and Bit Definition
- Bit 18.4, and 18.5, Symbol is now blank, Name is now blank, Definition has been changed to Reserved.
Page 55, 6.0 Specifications
- Package Power Dissipation, (80220) has been changed from 2.2 Watt @ 70
° C to 2.0 Watt @ 70° C.
- Package Power Dissipation (80221) has been deleted.
Page 58, Twisted Pair Characteristics, Receive
- R
ST, 100 Mbps, RLVL = 1, (MIN) has been changed from 100 to 60.
- R
ST, 100 Mbps, RLVL = 1, (MAX) has been changed from 300 to 200.
- R
UT, 100 Mbps, RLVL = 1, (MIN) has been changed from 60 to 20.
- R
UT, 100 Mbps, RLVL = 1, (MAX) has been changed from 180 to 90.
Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com