Electronic Components Datasheet Search
  English  ▼

X  

80221 Datasheet(PDF) 35 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 35 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 31Page - LSI Computer Systems 80221 Datasheet HTML 32Page - LSI Computer Systems 80221 Datasheet HTML 33Page - LSI Computer Systems 80221 Datasheet HTML 34Page - LSI Computer Systems 80221 Datasheet HTML 35Page - LSI Computer Systems 80221 Datasheet HTML 36Page - LSI Computer Systems 80221 Datasheet HTML 37Page - LSI Computer Systems 80221 Datasheet HTML 38Page - LSI Computer Systems 80221 Datasheet HTML 39Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 91 page
background image
80220/80221
4-35
MD400159/E
35
Table 11. MI Register 1 (Status) Structure And Bit Definition
1.15
1.14
1.13
1.12
1.11
1.10
1.9
1.8
CAP_T4
CAP_TXF
CAP_TXH
CAP_TF
CAP_TH
0
0
0
RRRR
RRRR
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0
CAP_SUPR ANEG_ACK
REM_FLT
CAP_ANEG
LINK
JAB
EXREG
R
R
R
R/LH
R
R/LL
R/LH
R
Bit
Symbol
Name
Definition
R/W
Def.
1.15
CAP_T4
100Base-T4
0 = Not Capable of 100Base-T4 Operation
R
0
Capable
1.14
CAP_TXF
100Base-TX Full
1 = Capable Of 100Base-TX Full Duplex
R
1
Duplex Capable
1.13
CAP_TXH
100Base-TX Half
1 = Capable Of 100Base-TX Half Duplex
R
1
Duplex Capable
1.12
CAP_TF
10Base-T Full
1 = Capable Of 10Base-T Full Duplex
R
1
Duplex Capable
1.11
CAP_TH
10Base-T Half
1 = Capable Of 10Base-T Half Duplex
R
1
Duplex Capable
1.10
Reserved
R
0
thru
1.7
1.6
CAP_SUPR
MI Preamble
0 = Not Capable of Accepting MI Frames with MI
R
0
Suppression
Preamble Suppressed
Capable
1.5
ANEG_ACK
AutoNegotiation
1 = AutoNegotiation Acknowledgement Process Complete
R
0
Acknowledgment
0 = Normal
1.4
REM_FLT
Remote Fault
1 = Remote Fault Detected. This bit is set when
R/LH
0
Detect
Either Interrupt Detect Bit 18.15 or AutoNegot-
iation Remote Fault Bit 5.13 is set.
0 = No Remote Fault
1.3
CAP_ANEG
AutoNegotiation
1 = Capable of AutoNegotiation Operation
R
1
Capable
1.2
LINK
Link Status
1 = Link Detected (Same As Bit 18.14 Inverted)
R/LL
0
0 = Link Not Detected
1.1
JAB
Jabber Detect
1 = Jabber Detected (Same As Bit 18.8)
R/LH
0
0 = Normal
1.0
EXREG
Extended
1 = Extended Registers Exist
R
1
Register Capable
x.15 Bit Is Shifted First



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com