Electronic Components Datasheet Search
  English  ▼

X  

80221 Datasheet(PDF) 63 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 63 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 59Page - LSI Computer Systems 80221 Datasheet HTML 60Page - LSI Computer Systems 80221 Datasheet HTML 61Page - LSI Computer Systems 80221 Datasheet HTML 62Page - LSI Computer Systems 80221 Datasheet HTML 63Page - LSI Computer Systems 80221 Datasheet HTML 64Page - LSI Computer Systems 80221 Datasheet HTML 65Page - LSI Computer Systems 80221 Datasheet HTML 66Page - LSI Computer Systems 80221 Datasheet HTML 67Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 91 page
background image
80220/80221
4-63
MD400159/E
63
RECEIVE TIMING CHARACTERISTICS
Refer to Figures 19-23 for Timing Diagrams
LIMIT
SYM
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
t
31
Start Of Packet To CRS
200
nS
100 Mbps, MII
Assert Delay
200
nS
100 Mbps, FBI
700
nS
10 Mbps
t
32
End Of Packet To CRS
130
240
nS
100 Mbps, MII
Deassert Delay
240
nS
100 Mbps, FBI
600
nS
10 Mbps.
Relative To Start Of SOI Pulse
t
33
Start Of Packet To
240
nS
100 Mbps
RX_DV Assert Delay
3600
nS
10 Mbps
t
34
End Of Packet To
280
nS
100 Mbps
RX_DV Deassert Delay
1000
nS
10 Mbps.
Relative To Start Of SOI Pulse
t
37
RX_CLK To RX_DV,
-8
8
nS
100 Mbps
RXD, RX_ER Delay
-80
80
nS
10 Mbps
t
38
RX_CLK High Time
18
20
22
nS
100 Mbps
180
200
600
nS
10 Mbps
t
39
RX_CLK Low Time
18
20
22
nS
100 Mbps
180
200
600
nS
10 Mbps
t
40
SOI Pulse Minimum
125
200
nS
10 Mbps
Width Required for Idle
Measure TPI
± from last zero cross
Detection
to 0.3V point.
t
41
Receive Input Jitter
±3.0
nS pk - pk
100 Mbps
±13.5
nS pk -pk
10 Mbps
t
43
PLEDn Delay Time
25
mS
PLEDn Programmed for Activity
t
44
PLEDn Pulse Width
80
105
mS
PLEDn Programmed for Activity
t
45
RX_CLK, RXD, CRC,
10
nS
RX_DV, RX_ER Output
Rise and Fall Times
t
46
RX_EN Deassert to Rcv
40
nS
MII Output HI-Z Delay
t
47
RX_EN Assert to Rcv
40
nS
MII Output Active Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com