Electronic Components Datasheet Search
  English  ▼

X  

80221 Datasheet(PDF) 42 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 42 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 38Page - LSI Computer Systems 80221 Datasheet HTML 39Page - LSI Computer Systems 80221 Datasheet HTML 40Page - LSI Computer Systems 80221 Datasheet HTML 41Page - LSI Computer Systems 80221 Datasheet HTML 42Page - LSI Computer Systems 80221 Datasheet HTML 43Page - LSI Computer Systems 80221 Datasheet HTML 44Page - LSI Computer Systems 80221 Datasheet HTML 45Page - LSI Computer Systems 80221 Datasheet HTML 46Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 91 page
background image
80220/80221
MD400159/E
42
Table 18. MI Register 18 (Status Output) Structure And Bit Definition
18.15
18.14
18.13
18.12
18.11
18.10
18.9
18.8
INT
LNK_FAIL
LOSS_SYNC
CWRD
SSD
ESD
RPOL
JAB
R
R/LT
R/LT
R/LT
R/LT
R/LT
R/LT
R/LT
18.7
18.6
18.5
18.4
18.3
18.2
18.1
18.0
SPD_DET
DPLX_DET
0
0
0
0
0
0
R/LT
R/LT
R
R
R
R
R
R
Bit
Symbol
Name
Definition
R/W
Def.
18.15
INT
Interrupt Detect
1 = Interrupt Bit(s) Have Changed Since Last
R
0
Read Operation.
0 = No Change
18.14
LNK_FAIL
Link Fail Detect
1 = Link Not Detected
R/LT
0
0 = Normal
18.13
LOSS_SYNC
Descrambler
1 = Descrambler Has Lost Synchronization
R/LT
0
Loss of
0 = Normal
Synchronization
Detect
18.12
CWRD
Codeword Error
1 = Invalid 4B5B Code Detected On Receive Data
R/LT
0
0 = Normal
18.11
SSD
Start Of Stream
1 = No Start Of Stream Delimiter Detected on
R/LT
0
Error
Receive Data
0 = Normal
18.10
ESD
End Of Stream
1 = No End Of Stream Delimiter Detected on
R/LT
0
Error
Receive Data
0 = Normal
18.9
RPOL
Reverse Polarity
1 = Reverse Polarity Detected
R/LT
0
Detect
0 = Normal
18.8
JAB
Jabber Detect
1 = Jabber Detected
R/LT
0
0 = Normal
18.7
SPD_DET
100/10 Speed
1 = Device in 100 Mbps Mode (100Base-TX)
R/LT
1
Detect
0 = Device in 10 Mbps Mode (10Base-T)
18.6
DPLX_DET
Duplex Detect
1 = Device In Full Duplex
R/LT
0
0 = Device In Half Duplex
18.5
Reserved for Factory Use
R
0
18.4
0
18.3
0
18.2
0
18.1
0
18.0
0
x.15 Bit Is Shifted First



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com