Electronic Components Datasheet Search
  English  ▼

X  

80221 Datasheet(PDF) 55 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 55 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 51Page - LSI Computer Systems 80221 Datasheet HTML 52Page - LSI Computer Systems 80221 Datasheet HTML 53Page - LSI Computer Systems 80221 Datasheet HTML 54Page - LSI Computer Systems 80221 Datasheet HTML 55Page - LSI Computer Systems 80221 Datasheet HTML 56Page - LSI Computer Systems 80221 Datasheet HTML 57Page - LSI Computer Systems 80221 Datasheet HTML 58Page - LSI Computer Systems 80221 Datasheet HTML 59Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 91 page
background image
80220/80221
4-55
MD400159/E
55
6.0 Specifications
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are limits beyond which may
cause permanent damage to the device or affect device
reliability. All voltages are specified with respect to GND,
unless otherwise specified.
VCC Supply Voltage ...................................-0.3V to 6.0V
All Inputs and Outputs
with Respect to GND ........................-0.3V to VCC+0.3V
Package Power Dissipation, ..................2.0 Watt @70
°C
Storage Temperature ................................-65 to +150
°C
Temperature Under Bias .............................-10 to +80
°C
Lead Temperature (Soldering, 10 Sec) ................ 260
°C
Body Temperature (Soldering, 30 Sec) ................ 220
°C
DC ELECTRICAL CHARACTERISTICS
Unless otherwise noted, all test conditions are as follows:
1. T
A= 0 to +70°C
2. V
CC = 5V +/-5%
3. 25 MHz +/- 0.01%
4. REXT = 10K +/- 1%, no load
LIMIT
SYM
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
V
IL
Input Low Voltage
0.8
Volt
All except OSCIN, MDA[4:0]
V
CC -1.0
Volt
MDA[4:0]
1.5
Volt
OSCIN
V
IH
Input High Voltage
2
Volt
All except OSCIN, MDA[4:0]
V
CC - 0.5
Volt
MDA[4:0]
3.5
Volt
OSCIN
I
IL
Input Low Current
±1
µAV
IN = GND
All Except OSCIN, MDA[4:0],
TRFADJ [1:0], T4LNK, TPI
±
± 10
µAV
IN = GND, TRFADJ0
-4
-25
µAV
IN = GND, MDA[4:0]
-12
-120
µAV
IN = GND, TRFADJ1, T4LNK
-150
µAV
IN = GND, OSCIN
I
IH
Input High Current
±1
µAV
IN = VCC All Except OSCIN,
TRFADJ[1:0], T4ADV, TPI
±, RPTR
± 10
µAV
IN = VCC , TRFADJ1
12
120
µAV
IN = VCC , TRFADJ0, T4ADV, RPTR
150
µAV
IN = VCC , OSCIN
V
OL
Output Low Voltage
0.4
Volt
I
OL = -4 mA
All Except PLED[5:0], TPO
±
1
Volt
I
OL = -20 mA, PLED[5:0]
V
OH
Output High Voltage
V
CC-1.0
Volt
I
OH = 4 mA
All Except PLED[5:0], MDINT, TPO
±
2.4
Volt
I
OH = 4 µA,
PLED[5:2], MDINT
V
CC -1.0
Volt
I
OH = 10 mA, PLED[1:0]
C
IN
Input Capacitance
5
pF
I
CC
V
CC Supply Current
170
200
mA
Transmitting
I
SS
GND Supply Current
250
mA
Transmitting
1
mA
Powerdown Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com