Electronic Components Datasheet Search
  English  ▼

X  

80221 Datasheet(PDF) 56 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 56 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 52Page - LSI Computer Systems 80221 Datasheet HTML 53Page - LSI Computer Systems 80221 Datasheet HTML 54Page - LSI Computer Systems 80221 Datasheet HTML 55Page - LSI Computer Systems 80221 Datasheet HTML 56Page - LSI Computer Systems 80221 Datasheet HTML 57Page - LSI Computer Systems 80221 Datasheet HTML 58Page - LSI Computer Systems 80221 Datasheet HTML 59Page - LSI Computer Systems 80221 Datasheet HTML 60Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 91 page
background image
80220/80221
MD400159/E
56
TWISTED PAIR CHARACTERISTICS, TRANSMIT
Unless otherwise noted, all test conditions are as follows:
1. T
A= 0 to +70°C
2. V
CC = 5V +/-5%
3. 25 MHz +/- 0.01%
4. REXT = 10K +/- 1%, no load
5. TPO
± loading shown in Figure 11 or equivalent.
LIMIT
SYM
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
T
OV
TP Differential Output
0.950
1.000
1.050
V pk
100 Mbps, UTP Mode, 100 Ohm Load
Voltage
1.165
1.225
1.285
V pk
100 Mbps, STP Mode, 150 Ohm Load
2.2
2.5
2.8
V pk
10 Mbps, UTP Mode, 100 Ohm Load
2.694
3.062
3.429
V pk
10 Mbps, STP Mode, 150 Ohm Load
T
OVS
TP Differential Output
98
102
%
100 Mbps, Ratio of Positive And
Voltage Symmetry
Negative Amplitude Peaks on TPO
±
T
ORF
TP Differential Output
3.0
5.0
nS
100 Mbps
Rise And Fall Time
TRFADJ [1:0] = 10
T
ORFS
TP Differential Output
+/- 0.5
nS
100 Mbps, Difference Between Rise
Rise And Fall Time
And Fall Times on TPO
±
Symmetry
TRFADJ [1:0] = 10
T
ODC
TP Differential Output
+/-
nS
100 Mbps, Output Data=0101... NRZ
Duty Cycle Distortion
0.25
Pattern Unscrambled, Measure At 50%
Points
T
OJ
TP Differential Output
+/- 1.4
nS
100 Mbps, Output Data=scrambled /H/
Jitter
T
OO
TP Differential Output
5.0
%
100 Mbps
Overshoot
T
OVT
TP Differential Output
See Figure 4
10 Mbps
Voltage Template
T
SOI
TP Differential Output
See Figure 6
10 Mbps
SOI Voltage Template
T
LPT
TP Differential Output
See Figure 7
10 Mbps, NLP and FLP
Link Pulse Voltage
Template
T
OIV
TP Differential Output
+/- 50
mV
10 Mbps. Measured on Secondary
Idle Voltage
Side of Xfmr in Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com