Electronic Components Datasheet Search
  English  ▼

X  

80221 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 4 Page - LSI Computer Systems

  80221 Datasheet HTML 1Page - LSI Computer Systems 80221 Datasheet HTML 2Page - LSI Computer Systems 80221 Datasheet HTML 3Page - LSI Computer Systems 80221 Datasheet HTML 4Page - LSI Computer Systems 80221 Datasheet HTML 5Page - LSI Computer Systems 80221 Datasheet HTML 6Page - LSI Computer Systems 80221 Datasheet HTML 7Page - LSI Computer Systems 80221 Datasheet HTML 8Page - LSI Computer Systems 80221 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 91 page
background image
80220/80221
MD400159/E
4
3.18 Loopback
3.18.1 Internal CRS Loopback
3.18.2 Diagnostic Loopback
3.19 Automatic JAM
3.19.1 100 Mbps
3.19.2 10 Mbps
3.20 Reset
3.21 Powerdown
3.22 Oscillator
3.23 LED Drivers
3.24 100Base-T4 Interface
3.25 Repeater Mode
3.26 MI Serial Port
3.26.1 Signal Description
3.26.2 Timing
3.26.3 Multiple Register Access
3.26.4 Bit Types
3.26.5 Frame Structure
3.26.6 Register Structure
3.26.7 Interrupt
4.0 Register Description
5.0 Application Information
5.1 Example Schematics
5.2 TP Transmit Interface
5.3 TP Receive Interface
5.4 TP Transmit Output Current Set
5.5 Cable Selection
5.6 Transmitter Droop
5.7 MII Controller Interface
5.7.1 General
5.7.2 Clocks
5.7.3 Output Drive
5.7.4 MII Disable
5.7.5 Receive Output Enable
5.8 FBI Controller Interface
5.9 Repeater Applications
5.9.1 MII Based Repeaters
5.9.2 Non-MII Based Repeaters
5.9.3 Clocks
5.10 Serial Port
5.10.1 General
5.10.2 Polling vs. Interrupt
5.10.3 Multiple Register Access
5.10.4 Serial Port Addressing
5.11 Long Cable
5.12 Automatic JAM
5.13 Oscillator
5.14 Programmable LED Drivers
5.15 Power Supply Decoupling
6.0 Specifications
7.0 Ordering Information
7.1 44 Pin PLCC
7.2 64 Pin LQFP
8.0 Package Diagrams
8.1 44 Pin PLCC
8.2 64 Pin LQFP
9.0 Addendum
80220 / 80221 TABLE OF CONTENTS continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com