Electronic Components Datasheet Search
  English  ▼

X  

80221 Datasheet(PDF) 47 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 47 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 43Page - LSI Computer Systems 80221 Datasheet HTML 44Page - LSI Computer Systems 80221 Datasheet HTML 45Page - LSI Computer Systems 80221 Datasheet HTML 46Page - LSI Computer Systems 80221 Datasheet HTML 47Page - LSI Computer Systems 80221 Datasheet HTML 48Page - LSI Computer Systems 80221 Datasheet HTML 49Page - LSI Computer Systems 80221 Datasheet HTML 50Page - LSI Computer Systems 80221 Datasheet HTML 51Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 91 page
background image
80220/80221
4-47
MD400159/E
47
Figure 12. Typical Switching Port Schematic Using 80220
TX_CLK
TXD3
TXD2
TXD1
TXD0
TX_EN
TX_ER
COL
RX_CLK
RXD3
RXD2
RXD1
RXD0
CRS
RX_DV
RX_ER
MDC
MDIO
PLED3
PLED2
PLED1
PLED0
(OPTIONAL)
(OPTIONAL)
80220
(44L)
4
LED
500
4X
OPTIONAL
25 MHz
SYSTEM
CLOCK
V
[6:1]
CC
TPO+
TPO–
2:1
200
1%
200
1%
TPI+
MDINT
RX_EN/JAM
OSCIN
GND [6:1]
TRFADJ1
TRFADJ0
REXT
10K
1%
TPI–
1:1
35 1%
15 1%
15 1%
35 1%
0.01
RJ45
4
5
7
8
6
3
2
1
75
75
75
0.01
84C300
QUAD
100/10
ETHERNET
CONTROLLER
SWITCH
FABRIC
50K
75
2 KV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com