Electronic Components Datasheet Search
  English  ▼

X  

80221 Datasheet(PDF) 43 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 43 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 39Page - LSI Computer Systems 80221 Datasheet HTML 40Page - LSI Computer Systems 80221 Datasheet HTML 41Page - LSI Computer Systems 80221 Datasheet HTML 42Page - LSI Computer Systems 80221 Datasheet HTML 43Page - LSI Computer Systems 80221 Datasheet HTML 44Page - LSI Computer Systems 80221 Datasheet HTML 45Page - LSI Computer Systems 80221 Datasheet HTML 46Page - LSI Computer Systems 80221 Datasheet HTML 47Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 91 page
background image
80220/80221
4-43
MD400159/E
43
Table 19. MI Register 19 (Mask) Structure And Bit Definition
19.15
19.14
19.13
19.12
19.11
19.10
19.9
19.8
MASK_
MASK_
MASK_
MASK_
MASK_
MASK_
MASK_
MASK_
INT
LNK_FAIL LOSS_SYNC
CWRD
SSD
ESD
RPOL
JAB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
19.7
19.6
19.5
19.4
19.3
19.2
19.1
19.0
MASK_
MASK_
110000
SPD_DET
DPLX_DET
R/W
R/W
R/W
R/W
RRRR
Bit
Symbol
Name
Definition
R/W
Def.
19.15
MASK_ INT
Interrupt Mask -
1 = Mask Interrupt For INT In Register 18
R/W
1
Interrupt Detect
0 = No Mask
19.14
MASK_
Interrupt Mask -
1 = Mask Interrupt For LNK_FAIL In Register 18
R/W
1
LNK_FAIL
Link Fail Detect
0 = No Mask
19.13
MASK_
Interrupt Mask -
1 = Mask Interrupt For LOSS_SYNC In Register 18
R/W
1
LOSS_SYNC Descrambler Loss of
0 = No Mask
Synchronization
Detect
19.12
MASK_
Interrupt Mask -
1 = Mask Interrupt For CWRD In Register 18
R/W
1
CWRD
Codeword Error
0 = No Mask
19.11
MASK_
Interrupt Mask - Start
1 = Mask Interrupt For SSD In Register 18
R/W
1
SSD
Of Stream Error
0 = No Mask
19.10
MASK_
Interrupt Mask -End
1 = Mask Interrupt For ESD In Register 18
R/W
1
ESD
Of Stream Error
0 = No Mask
19.9
MASK_
Interrupt Mask -
1 = Mask Interrupt For RPOL In Register 18
R/W
1
RPOL
Reverse Polarity
0 = No Mask
Detect
19.8
MASK_
Interrupt Mask -
1 = Mask Interrupt For JAB In Register 18
R/W
1
JAB
Jabber Detect
0 = No Mask
19.7
MASK_
Interrupt Mask -
1 = Mask Interrupt For SPD_DET In Register 18
R/W
1
SPD_DET
100/10 Speed Detect
0 = No Mask
19.6
MASK_
Interrupt Mask -
1 = Mask Interrupt For DPLX_DET In Register 18
R/W
1
DPLX_DET
Duplex Detect
0 = No Mask
19.5
Reserved. Must be Written to 1 or Left at Default for
R/W
1
19.4
Normal Operation
19.3
Reserved
R
0
19.2
0
19.1
0
19.0
0
x.15 Bit Is Shifted First



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com