Electronic Components Datasheet Search
  English  ▼

X  

80221 Datasheet(PDF) 50 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 50 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 46Page - LSI Computer Systems 80221 Datasheet HTML 47Page - LSI Computer Systems 80221 Datasheet HTML 48Page - LSI Computer Systems 80221 Datasheet HTML 49Page - LSI Computer Systems 80221 Datasheet HTML 50Page - LSI Computer Systems 80221 Datasheet HTML 51Page - LSI Computer Systems 80221 Datasheet HTML 52Page - LSI Computer Systems 80221 Datasheet HTML 53Page - LSI Computer Systems 80221 Datasheet HTML 54Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 91 page
background image
80220/80221
MD400159/E
50
5.7 MII CONTROLLER INTERFACE
5.7.1 General
The MII controller interface allows the 80220/80221 to
connect to any external Ethernet controller without any
glue logic provided that the external Ethernet controller
has a MII interface that complies with IEEE 802.3, as
shown in Figures 11-12.
5.7.2 Clocks
Standard Ethernet controllers with a MII use TX_CLK to
clock data in on TXD[3:0]. TX_CLK is specified in IEEE
802.3 and on the 80220/80221 to be an output. If a
nonstandard controller or other digital device is used to
interface to the 80220/80221, there might be a need to
clock TXD[3:0] into the 80220/80221 on the edges of an
external master clock. The master clock, in this case,
would be an input to the 80220/80221. This can be done
by using OSCIN as the master clock input; since OSCIN
generates TX_CLK inside the 80220/80221, data on
TXD[3:0] can be clocked into the 80220/80221 on edges
of output clock TX_CLK or input clock OSCIN. In the case
where OSCIN is used as the input clock, a crystal is no
longer needed on OSCIN, and TX_CLK can be left open
or used for some other purpose.
5.7.3 Output Drive
The digital outputs on the 80220/80221 controller signals
meet the MII driver characteristics specified in IEEE 802.3
and shown in Figure 14 if external 24.9 ohm 1% termina-
tion resistors are added. These termination resistors are
only needed if the outputs have to drive a MII cable or other
transmission line type load, such as in the external PHY
application shown in Figure 13. If the 80220/80221 is used
in embedded applications, such as adapter cards and
switching hubs shown in Figure 11 and 12, then these
terminations resistors are not needed.
5.7.4 MII Disable
The MII outputs can be placed in the high impedance state
and inputs disabled by setting the MII disable bit in the MI
serial port Control register. When this bit is set to the
disable state, the TP outputs are also disabled and trans-
Figure 14. MII Output Driver Characteristics
I - V
I (mA)
V (Volts)
I
1, V1
–20
1.10
I
2, V2
–4
2.4
I
3, V3
4
0.40
I
4, V4
43
3.05
V
3
I
3
I
4
V
4
Iol
Vol
Voh
V
CC
I
2
V
2
I
1
V
1
Ioh
= 40 ohm
Rol
min
= 40 ohm
Rol
min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com