Electronic Components Datasheet Search
  English  ▼

X  

80221 Datasheet(PDF) 20 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 20 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 16Page - LSI Computer Systems 80221 Datasheet HTML 17Page - LSI Computer Systems 80221 Datasheet HTML 18Page - LSI Computer Systems 80221 Datasheet HTML 19Page - LSI Computer Systems 80221 Datasheet HTML 20Page - LSI Computer Systems 80221 Datasheet HTML 21Page - LSI Computer Systems 80221 Datasheet HTML 22Page - LSI Computer Systems 80221 Datasheet HTML 23Page - LSI Computer Systems 80221 Datasheet HTML 24Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 91 page
background image
80220/80221
MD400159/E
20
3.9.7 Receive Activity Indication
Receive activity can be programmed to appear on some of
the PLED[5:0] pins by appropriately setting the program-
mable LED output select bits in the MI serial port LED
Configuration 2 register as shown in Table 5. When one
or more of the PLED[5:0] pins is programmed to be an
receive activity or activity detect output, that pin is asserted
low for 100 mS every time a receive packet occurs. The
PLED[5:0] outputs are open drain with pullup resistor and
can drive an LED from VCC or can drive another digital
input.
3.10 COLLISION
3.10.1 100 Mbps
Collision occurs whenever transmit and receive occur
simultaneously while the device is in Half Duplex.
Collision is sensed whenever there is simultaneous trans-
mission (packet transmission on TPO
±) and reception
(non idle symbols detected on TP input). When collision is
detected, the COL output is asserted, TP data continues to
be transmitted on twisted pair outputs, TP data continues
to be received on twisted pair inputs, and internal CRS
loopback is disabled. Once collision starts, CRS is as-
serted and stays asserted until the receive and transmit
packets that caused the collision are terminated.
The collision function is disabled if the device is in the Full
Duplex mode, is in the Link Fail state, or if the device is in
the diagnostic loopback mode.
3.10.2 10 Mbps
Collision in 10 Mbps mode is identical to the 100 Mbps
mode except, (1) reception is determined by the 10 Mbps
squelch criteria, (2) RXD[3:0] outputs are forced to all 0's,
(3) collision is asserted when the SQE test is performed,
(4) collision is asserted when the jabber condition has
been detected.
3.10.3 Collision Test
The controller interface collision signal, COL, can be
tested by setting the collision test register bit in the MI serial
port Control register. When this bit is set, TX_EN is looped
back onto COL and the TP outputs are disabled.
3.10.4 Collision Indication
Collision can be programmed to appear on the PLED2 pin
by appropriately setting the programmable LED output
select bits in the MI serial port Configuration 2 register, as
shown in Table 5. When the PLED2 pin is programmed
to be a collision detect output, this pin is asserted low for
100 mS every time a collision occurs. The PLED2 output
is open drain with pullup resistor and can drive an LED
from VCC or can drive another digital input.
3.11 START OF PACKET
3.11.1 100 Mbps
Start of packet for 100 Mbps mode is indicated by a unique
Start of Stream Delimiter (referred to as SSD). The SSD
pattern consists of the two /J/K/ 5B symbols inserted at the
beginning of the packet in place of the first two preamble
symbols, as defined in IEEE 802.3 Clause 24 and shown
in Figure 2.
The transmit SSD is generated by the 4B5B encoder and
the /J/K/ symbols are inserted by the 4B4B encoder at the
beginning of the transmit data packet in place of the first
two 5B symbols of the preamble, as shown in Figure 2.
The receive pattern is detected by the 4B5B decoder by
examining groups of 10 consecutive code bits (two 5B
words) from the descrambler. Between packets, the re-
ceiver will be detecting the idle pattern, which is 5B /I/
symbols. While in the idle state, CRS and RX_DV are
deasserted.
If the receiver is in the idle state and 10 consecutive code
bits from the receiver consist of the /J/K/ symbols, the start
of packet is detected, data reception is begun, CRS and
RX_DV are asserted, and /5/5/ symbols are substituted in
place of the /J/K/ symbols.
If the receiver is in the idle state and 10 consecutive code
bits from the receiver consist of a pattern that is neither /I/
I/ nor /J/K/ symbols but contains at least 2 non contiguous
0's, then activity is detected but the start of packet is
considered to be faulty and a False Carrier Indication (also
referred to as bad SSD) is signalled to the controller
interface. When False Carrier is detected, then CRS is
asserted, RX_DV remains deasserted, RXD[3:0]=1110
while RX_ER is asserted, and the bad SSD bit is set in the
MI serial port Status Output register. Once a False Carrier
Event is detected, the idle pattern (two /I/I/ symbols) must
be detected before any new SSD's can be sensed.
If the receiver is in the idle state and 10 consecutive code
bits from the receiver consist of a pattern that is neither /I/
I/ nor /J/K/ symbols but does not contain at least 2 non-
contiguous 0's, the data is ignored and the receiver stays
in the idle state.
3.11.2 10 Mbps
Since the idle period in 10 Mbps mode is defined to be the
period when no data is present on the TP inputs, then the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com