Electronic Components Datasheet Search
  English  ▼

X  

80221 Datasheet(PDF) 31 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 31 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 27Page - LSI Computer Systems 80221 Datasheet HTML 28Page - LSI Computer Systems 80221 Datasheet HTML 29Page - LSI Computer Systems 80221 Datasheet HTML 30Page - LSI Computer Systems 80221 Datasheet HTML 31Page - LSI Computer Systems 80221 Datasheet HTML 32Page - LSI Computer Systems 80221 Datasheet HTML 33Page - LSI Computer Systems 80221 Datasheet HTML 34Page - LSI Computer Systems 80221 Datasheet HTML 35Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 91 page
background image
80220/80221
4-31
MD400159/E
31
INTERNAL
INTERRUPT
MDC
MDIO
MDIO HI-Z
PULLED HIGH EXTERNALLY
MDIO HI-Z
PULLED HIGH EXTERNALLY
INTERRUPT
PULSE
INTERNAL
INTERRUPT
MDC
MDIO
LAST TWO BITS
OF READ CYCLE
MDIO HI-Z
PULLED HIGH EXTERNALLY
INTERRUPT
PULSE
MDIO HI-Z
PULLED HIGH EXTERNALLY
B0
B1
Figure 10. MDIO Interrupt Pulse
this bit is set, an interrupt is signalled by an low going pulse
on MDIO when MDC is high and the serial port is in the idle
state, as shown in the timing diagram in Figure 10. Once
MDIO is forced low to indicate the interrupt condition,
MDIO stays low until MDC returns low. Once MDC returns
a.) Interrupt Happens During Idle.
b.) Interrupt Happens During Read Cycle.
low, then MDIO goes back to high impedance state. If the
interrupt occurs while the serial port is being accessed,
then the MDIO interrupt pulse is delayed until one clock bit
after the serial port access cycle is ended as shown in
Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com