Electronic Components Datasheet Search
  English  ▼

X  

80221 Datasheet(PDF) 59 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 59 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 55Page - LSI Computer Systems 80221 Datasheet HTML 56Page - LSI Computer Systems 80221 Datasheet HTML 57Page - LSI Computer Systems 80221 Datasheet HTML 58Page - LSI Computer Systems 80221 Datasheet HTML 59Page - LSI Computer Systems 80221 Datasheet HTML 60Page - LSI Computer Systems 80221 Datasheet HTML 61Page - LSI Computer Systems 80221 Datasheet HTML 62Page - LSI Computer Systems 80221 Datasheet HTML 63Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
80220/80221
4-59
MD400159/E
59
AC TEST TIMING CONDITIONS
Unless otherwise noted, all test conditions are as follows:
1. T
A= 0 to +70°C
2. V
CC = 5V +/-5%
3. 25 MHz +/- 0.01%
4. REXT = 10K +/- 1%, no load
5. Input conditions:
All Inputs:
tr,tf<=10nS, 20-80%
6. Output Loading
TPO
±:
Same as Figure 11 or equivalent, 10pF
Open Drain Outputs:
1K Pullup, 50pF
All Other Digital Outputs:
25pF
7. Measurement Points:
TPO
±, TPI±:
0.0 V During Data,
±0.3V at start/end of packet
All other inputs and outputs:
1.5 Volts
25 Mhz INPUT / OUTPUT CLOCK TIMING CHARACTERISTICS
LIMIT
SYM
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
t
1
OSCIN Period
39.996
40
40.004
nS
Clock Applied to OSCIN
t
2
OSCIN High Time
16
nS
Clock Applied to OSCIN
t
3
OSCIN Low Time
16
nS
Clock Applied to OSCIN
t
4
OSCIN to TX_CLK
10
nS
100 Mbps
20
nS
10 Mbps
Figure 16. 25 Mhz Output Timing
TX_CLK
(100 MB)
TX_CLK
(10 MB)
t 4
t 4
t4
OSCIN
t 1
t 2
t 3
Refer to Figure 16 for Timing Diagram.
Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com