Electronic Components Datasheet Search
  English  ▼

X  

TAS5028 Datasheet(PDF) 36 Page - Texas Instruments

Part # TAS5028
Description  8 Channel Digital Audio PWM Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5028 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS5028 Datasheet HTML 32Page - Texas Instruments TAS5028 Datasheet HTML 33Page - Texas Instruments TAS5028 Datasheet HTML 34Page - Texas Instruments TAS5028 Datasheet HTML 35Page - Texas Instruments TAS5028 Datasheet HTML 36Page - Texas Instruments TAS5028 Datasheet HTML 37Page - Texas Instruments TAS5028 Datasheet HTML 38Page - Texas Instruments TAS5028 Datasheet HTML 39Page - Texas Instruments TAS5028 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 84 page
background image
TAS5028 Controls and Status
28
SLES112 — June 2004
TAS5028
Table 2 - 4. Device Outputs During Backend Error
SIGNAL
SIGNAL STATE
Valid
Low
PWM P-outputs
M-State - low
PWM M-outputs
M-State - low
HPPWM P-outputs
M-State - low
HPPWM M-outputs
M-State - low
SDA
Signal Input (not driven)
2.2.4 Speaker / Headphone Selector (HP_SEL)
The HP_SEL terminal enables the headphone output or the speaker outputs. The headphone output receives
the processed data output from DAP and PWM channels 1 and 2.
In 6-channel configuration this feature does not affect the two lineout channels.
When low, the headphone output is enabled. In this mode the speaker outputs are disabled. When high, the
speaker outputs are enabled and the headphone is disabled.
Changes in the pin logic level results in a state change sequence using soft mute to the hard mute (M) state
for both speaker and headphone followed by a soft unmute.
When HP_SEL is low, the configuration of channels 1 and 2 are defined by the headphone configuration
register. When HP_SEL is high, the channel 1 and 2 configuration registers define the configuration of
channels 1 and 2.
2.2.5 Mute (MUTE)
The mute control provides a noiseless volume ramp to silence. Releasing mute provides a noiseless ramp
to previous volume. The TAS55508 has both a master and individual channel mute commands. A terminal
is also provided for the master MUTE. The low active master Mute I2C register and the MUTE terminal are
logically Or’ed together. If either is set to low, a mute on all channels is performed. The master mute command
operates on all channels regardless on whether the system is in six or eight channel configuration.
When MUTE is invoked, the PWM output stops switching and then goes to an idle state.
The master Mute terminal is used to support a variety of other operations in the TAS5028, such as setting the
inter-channel delay, the serial interface format, and the clock rates. A mute command by the master mute
terminal, individual I2C mute, the AM interference mute sequence, the bank switch mute sequence, or
automute overrides an unmute command or a volume command. While a mute is active, the commanded
channels will be placed in a mute state. When a channel is unmuted, it goes to the last commanded volume
setting that has been received for that channel.
2.3
Device Configuration Controls
The TAS5028 provides a number of system configuration controls that are set at initialization and following
a reset.
•
Channel Configuration
•
Headphone Configuration
•
Audio System Configurations
•
Recovery from Clock Error
•
Volume and Mute Update Rate
•
Modulation Index Limit
•
Inter-channel Delay
•
Master Clock and Data Rate Controls
•
Bank Controls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com