Electronic Components Datasheet Search
  English  ▼

X  

TAS5028 Datasheet(PDF) 46 Page - Texas Instruments

Part # TAS5028
Description  8 Channel Digital Audio PWM Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5028 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TAS5028 Datasheet HTML 42Page - Texas Instruments TAS5028 Datasheet HTML 43Page - Texas Instruments TAS5028 Datasheet HTML 44Page - Texas Instruments TAS5028 Datasheet HTML 45Page - Texas Instruments TAS5028 Datasheet HTML 46Page - Texas Instruments TAS5028 Datasheet HTML 47Page - Texas Instruments TAS5028 Datasheet HTML 48Page - Texas Instruments TAS5028 Datasheet HTML 49Page - Texas Instruments TAS5028 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
Electrical Specifications
38
SLES112 — June 2004
TAS5028
3.6.3 I2C Serial Control Port Operation
3.6.3.1
Timing Characteristics for I2C Interface Signals Over Recommended Operating
Conditions (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNITS
fSCL
Frequency, SCL
No wait states
400
kHz
tw(H)
Pulse duration, SCL high
0.6
µs
tw(L)
Pulse duration, SCL low
1.3
µs
tr
Rise time, SCL and SDA
300
ns
tf
Fall time, SCL and SDA
300
ns
tsu1
Setup time, SDA to SCL
100
ns
th1
Hold time, SCL to SDA
0
ns
t(buf)
Bus free time between stop and start condition
1.3
µs
tsu2
Setup time, SCL to start condition
0.6
µs
th2
Hold time, start condition to SCL
0.6
µs
tsu3
Setup time, SCL to stop condition
0.6
µs
CL
Load capacitance for each bus line
400
pF
SCL
SDA
tw(H)
tw(L)
tr
tf
tsu1
th1
Figure 3 - 2. SCL and SDA Timing
SCL
SDA
th2
t(buf)
tsu2
tsu3
Start Condition
Stop Condition
Figure 3 - 3. Start and Stop Conditions Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com