Electronic Components Datasheet Search
  English  ▼

X  

TAS5028 Datasheet(PDF) 29 Page - Texas Instruments

Part # TAS5028
Description  8 Channel Digital Audio PWM Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5028 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TAS5028 Datasheet HTML 25Page - Texas Instruments TAS5028 Datasheet HTML 26Page - Texas Instruments TAS5028 Datasheet HTML 27Page - Texas Instruments TAS5028 Datasheet HTML 28Page - Texas Instruments TAS5028 Datasheet HTML 29Page - Texas Instruments TAS5028 Datasheet HTML 30Page - Texas Instruments TAS5028 Datasheet HTML 31Page - Texas Instruments TAS5028 Datasheet HTML 32Page - Texas Instruments TAS5028 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
Introduction
21
SLES112 — June 2004
TAS5028
Output
Gain Coefficient
28
48
Select
Output
N
Gain Coefficient
28
48
48
48
Output
Gain Coefficient
28
48
Gain Coefficient
28
48
48
48
Gain Coefficient
28
48
48
1, 2, 3, 4, 7 or 8
5 or 6
Select
Output
N
Select
Output
N
Select
Output
N
Select
Output
N
Figure 1 - 16. Output Mixers
1.10 PWM
The TAS5028 has eight channels of high performance digital PWM Modulators that are designed to drive
switching output stages (backends) in both single-ended (SE) and H-bridge (bridge tied load) configuration.
The TAS5028 device uses noise-shaping and sophisticated error correction algorithms to achieve high power
efficiency and high-performance digital audio reproduction. The TAS5028 uses an AD1 PWM modulation
combined with a 5th order noise shaper to provide a 102-dB SNR from 20 to 20 kHz.
The PWM section accepts 32-bit PCM data from the DAP and outputs eight PWM audio output channels
configurable as either:
•
Six channels to drive power stages + two channels to drive a differential input active filter to provide a
separately controllable stereo line out
•
Eight channels to drive power stages
The TAS5028 PWM section output supports both single-ended and bridge-tied loads.
The PWM section provides a headphone PWM output to drive an external differential amplifier like the
TPA112. The headphone circuit uses the PWM modulator for channels 1 and 2. The headphone will not
operate while the six or eight backend drive channels are operating. The headphone will be enabled via a
headphone select terminal or I2C command.
The PWM section has individual channel dc blocking filters that can be enabled and disabled. The filter cutoff
frequency is less than 1 Hz.
The PWM section has individual channel de-emphasis filters for 32, 44.1, and 48 kHz that can be enabled and
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com