Electronic Components Datasheet Search
  English  ▼

X  

TAS5028 Datasheet(PDF) 79 Page - Texas Instruments

Part # TAS5028
Description  8 Channel Digital Audio PWM Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5028 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TAS5028 Datasheet HTML 75Page - Texas Instruments TAS5028 Datasheet HTML 76Page - Texas Instruments TAS5028 Datasheet HTML 77Page - Texas Instruments TAS5028 Datasheet HTML 78Page - Texas Instruments TAS5028 Datasheet HTML 79Page - Texas Instruments TAS5028 Datasheet HTML 80Page - Texas Instruments TAS5028 Datasheet HTML 81Page - Texas Instruments TAS5028 Datasheet HTML 82Page - Texas Instruments TAS5028 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
Serial Control Interface Register Definitions
71
SLES112 — June 2004
TAS5028
6.25 AM Mode Register (0xDE)
Bits D31 - D21 are Don’t Care.
Table 6 - 39. AM Mode Register
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
Unused bits
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
0
-
-
-
-
AM mode disabled
1
-
-
-
-
AM mode enabled
-
0
0
-
-
Select sequence 1
-
0
1
-
-
Select sequence 2
-
1
0
-
-
Select sequence 3
-
1
1
-
-
Select sequence 4
-
-
-
0
-
IF frequency 455
-
-
-
1
-
IF frequency 262.5
-
-
-
-
0
Use BCD tuned frequency
-
-
-
-
1
Use binary tuned frequency
Table 6 - 40. AM Tuned Frequency Register in BCD Mode (Lower 2 Bytes of 0xDE)
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
0
0
B0
-
-
-
-
BCD frequency (1000s kHz)
-
-
-
-
B3
B2
B1
B0
BCD frequency (100s kHz)
0
0
0
0
0
0
0
0
Default value
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
B3
B2
B1
B0
-
-
-
-
BCD frequency (10s kHz)
-
-
-
-
B3
B2
B1
B0
BCD frequency (1s kHz)
0
0
0
0
0
0
0
0
Default value
Table 6 - 41. AM Tuned Frequency Register in Binary Mode (Lower 2 Bytes of 0xDE)
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
0
0
0
0
B10
B9
B8
Binary frequency (upper 3 bits)
0
0
0
0
0
0
0
0
Default value
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
B7
B6
B5
B4
B3
B2
B1
B0
Binary frequency (lower 8 bits)
0
0
0
0
0
0
0
0
Default value
6.26 General Control Register (0xE0)
Bits D31 - D4 are zero. Bit D0 is Don’t Care.
Table 6 - 42. General Control Register
D31 – D4
D3
D2
D1
D0
FUNCTION
0
-
0
/8 channel configuration
0
-
1
6 channel configuration
6.27 Incremental Multiple Write Append Register (0xFE)
This is a special register used to append data to a previously opened register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com