Electronic Components Datasheet Search
  English  ▼

X  

TAS5028 Datasheet(PDF) 23 Page - Texas Instruments

Part # TAS5028
Description  8 Channel Digital Audio PWM Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5028 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TAS5028 Datasheet HTML 19Page - Texas Instruments TAS5028 Datasheet HTML 20Page - Texas Instruments TAS5028 Datasheet HTML 21Page - Texas Instruments TAS5028 Datasheet HTML 22Page - Texas Instruments TAS5028 Datasheet HTML 23Page - Texas Instruments TAS5028 Datasheet HTML 24Page - Texas Instruments TAS5028 Datasheet HTML 25Page - Texas Instruments TAS5028 Datasheet HTML 26Page - Texas Instruments TAS5028 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 84 page
background image
Introduction
15
SLES112 — June 2004
TAS5028
The decimal value of a 5.23 format number can be found by following the weighting shown in Figure 1 - 8. If
the most significant bit is logic 0, the number is a positive number, and the weighting shown yields the correct
number. If the most significant bit is a logic 1, then the number is a negative number. In this case every bit must
be inverted, a 1 added to the result, and then the weighting shown in Figure 1 - 8 applied to obtain the
magnitude of the negative number.
(1 or 0) x 23 + (1 or 0) x 22 +
… + (1 or 0) x 20 + (1 or 0) x 2-1 + … + (1 or 0) x 2-4 + … + (1 or 0) x 2-23
23 Bit
22 Bit
20 Bit
2-1 Bit
2-4 Bit
2-23 Bit
Figure 1 - 8. Conversion Weighting Factors—5.23 Format to Floating Point
Gain coefficients, entered via the I2C bus, must be entered as 32-bit binary numbers. The format of the 32-bit
number (4-byte or 8-digit hexadecimal number) is shown in Figure 1 - 9.
u
Coefficient
Digit 8
u
u
u
S
x
x
x
Coefficient
Digit 7
x.
x
x
x
Coefficient
Digit 6
x
x
x
x
Coefficient
Digit 5
x
x
x
x
Coefficient
Digit 4
x
x
x
x
Coefficient
Digit 3
x
x
x
x
Coefficient
Digit 2
x
x
x
x
Coefficient
Digit 1
Fraction
Digit 5
Sign
Bit
0
Fraction
Digit 6
Fraction
Digit 4
Fraction
Digit 3
Fraction
Digit 2
Fraction
Digit 1
Integer
Digit 1
u = unused or don’t care bits
Digit = hexadecimal digit
Figure 1 - 9. Alignment of 5.23 Coefficient in 32-Bit I2C Word
As Figure 1 - 9 shows, the hex value of the integer part of the gain coefficient cannot be concatenated with the
hex value of the fractional part of the gain coefficient to form the 32-bit I2C coefficient. The reason is that the
28-bit coefficient contains 5 bits of integer, and thus the integer part of the coefficient occupies all of one hex
digit and the most significant bit of the second hex digit. In the same way, the fractional part occupies the lower
3 bits of the second hex digit, and then occupies the other five hex digits (with the eighth digit being the
zero-valued most significant hex digit).
1.5.2.2
48-Bit 25.23 Number Format
All level adjustment and threshold coefficients are 48-bit coefficients using a 25.23 number format. Numbers
formatted as 25.23 numbers means that there are 25 bits to the left of the decimal point and 23 bits to the right
of the decimal point. This is shown in Figure 1 - 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com