Electronic Components Datasheet Search
  English  ▼

X  

TAS5028 Datasheet(PDF) 55 Page - Texas Instruments

Part # TAS5028
Description  8 Channel Digital Audio PWM Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5028 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TAS5028 Datasheet HTML 51Page - Texas Instruments TAS5028 Datasheet HTML 52Page - Texas Instruments TAS5028 Datasheet HTML 53Page - Texas Instruments TAS5028 Datasheet HTML 54Page - Texas Instruments TAS5028 Datasheet HTML 55Page - Texas Instruments TAS5028 Datasheet HTML 56Page - Texas Instruments TAS5028 Datasheet HTML 57Page - Texas Instruments TAS5028 Datasheet HTML 58Page - Texas Instruments TAS5028 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
I2C Serial Control Interface (Slave Address 0x36)
47
SLES112 — June 2004
TAS5028
When the correct number of bytes has been received, the TAS5028 starts processing the data.
The procedure to perform an incremental multi-byte write operation is as follows:
1.
Start a normal I2C write operation by sending the device address, write bit, register subaddress, and the
first four bytes of the data to be written. At the end of that sequence, send a stop condition. At this point,
the register has been opened and accepts the remaining data that is sent by writing 4-byte blocks of data
to the append subaddress (0xFE).
2.
At a later time, one or more append data transfers are performed to incrementally transfer the remaining
number of bytes in sequential order to complete the register write operation. Each of these append
operations will be composed of the device address, write bit, append subaddress (0xFE), and four bytes
of data followed by a stop condition.
3.
The operation will be terminated due to an error condition and the data will be flushed:
a.
If a new subaddress is written to the TAS5028 before the correct number of bytes have been written.
b.
If more or less than 4 bytes are data written at the beginning or during any of the append operations.
c.
If a read bit is sent.
4.6
Single Byte Read
As shown in Figure 4 - 4, a single byte data read transfer begins with the master device transmitting a start
condition followed by the I2C device address and the read/write bit. For the data read transfer, both a write
followed by a read are actually done. Initially, a write is done to transfer the address byte or bytes of the internal
memory address to be read. As a result, the read/write bit will be a 0. After receiving the TAS5028 address
and the read/write bit, the TAS5028 responds with an acknowledge bit. In addition, after sending the internal
memory address byte or bytes, the master device transmits another start condition followed by the TAS5028
address and the read/write bit again. This time the read/write bit will be a 1, indicating a read transfer. After
receiving the TAS5028 and the read/write bit the TAS5028 again responds with an acknowledge bit. Next, the
TAS5028 transmits the data byte from the memory address being read. After receiving the data byte, the
master device transmits a not acknowledge followed by a stop condition to complete the single byte data read
transfer.
A6
A5
A0 R/W ACK A7
A6
A5
A4
A0 ACK
A6
A5
A0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
I2C Device Address and
Read/Write Bit
Sub-Address
Data Byte
D7
D6
D1
D0 ACK
I2C Device Address and
Read/Write Bit
Not
Acknowledge
R/W
A1
A1
Repeat Start
Condition
Figure 4 - 4. Single Byte Read Transfer
4.7
Multiple Byte Read
A multiple byte data read transfer is identical to a single byte data read transfer except that multiple data bytes
are transmitted by the TAS5028 to the master device as shown in Figure 4 - 5. Except for the last data byte,
the master device responds with an acknowledge bit after receiving each data byte.
A6
A0
ACK
Acknowledge
I2C Device Address and
Read/Write Bit
R/W
A6
A0 R/W ACK
A0
ACK
D7
D0 ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
Last Data Byte
ACK
First Data Byte
Repeat Start
Condition
Not
Acknowledge
I2C Device Address and
Read/Write Bit
Sub-Address
Other Data Bytes
A7
A6
A5
D7
D0 ACK
Acknowledge
D7
D0
Figure 4 - 5. Multiple Byte Read Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com