Electronic Components Datasheet Search
  English  ▼

X  

TAS5028 Datasheet(PDF) 27 Page - Texas Instruments

Part # TAS5028
Description  8 Channel Digital Audio PWM Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5028 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TAS5028 Datasheet HTML 23Page - Texas Instruments TAS5028 Datasheet HTML 24Page - Texas Instruments TAS5028 Datasheet HTML 25Page - Texas Instruments TAS5028 Datasheet HTML 26Page - Texas Instruments TAS5028 Datasheet HTML 27Page - Texas Instruments TAS5028 Datasheet HTML 28Page - Texas Instruments TAS5028 Datasheet HTML 29Page - Texas Instruments TAS5028 Datasheet HTML 30Page - Texas Instruments TAS5028 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
Introduction
19
SLES112 — June 2004
TAS5028
Table 1 - 3. Bass and Treble Filter Selections
FS
(kHz)
3-dB CORNER FREQUENCIES
FILTER
SET 1
FILTER
SET 1
FILTER
SET 2
FILTER
SET 2
FILTER
SET 3
FILTER
SET 3
FILTER
SET 4
FILTER
SET 4
FILTER
SET 5
FILTER
SET 5
BASS
TREBLE
BASS
TREBLE
BASS
TREBLE
BASS
TREBLE
BASS
TREBLE
32
42
917
83
1833
125
3000
146
3667
167
4333
38
49
1088
99
2177
148
3562
173
4354
198
5146
44.1
57
1263
115
2527
172
4134
201
5053
230
5972
48
63
1375
125
2750
188
4500
219
5500
250
6500
88.2
115
2527
230
5053
345
8269
402
10106
459
11944
96
125
2750
250
5500
375
9000
438
11000
500
13000
176.4
230
5053
459
10106
689
16538
804
20213
919
23888
192
250
5500
500
11000
750
18000
875
22000
1000
26000
The I2C registers that control Bass and Treble are:
•
Bass and Treble By-Pass Register (0x89 – 0x90, channels 1 - 8)
•
Bass and Treble Slew Rates (0xD0)
•
Bass Filter Sets 1 - 5 (0xDA)
•
Bass Filter Index (0xDB)
•
Treble Filter Sets 1 - 5 (0xDC)
•
Treble Filter Index (0xDD)
1.8
Volume, Auto Mute, and Mute
The TAS5028 provides individual channel and master volume controls. Each control provides an adjustment
range of +18.0618 dB to –100 dB in 0.25 dB increments. This permits a total volume device control range of
+36 dB to –100 dB plus mute. The master volume control can be configured to control six or eight channels.
The TAS5028 has a master soft mute control that can be enabled by a terminal or I2C command. The device
also has individual channel soft mute controls that can are enabled via I2C.
The soft volume and mute update rates are programmable. The soft adjustments are performed using a soft
gain linear update with an I2C programmable linear step size at a fixed temporal rate. The linear soft gain step
size can be varied from 0.5 to 0.003906.
Table 1 - 4. Linear Gain Step Size
STEP SIZE (GAIN)
0.5
0.25
0.125
0.0625
0.03125
0.015625
0.007813
0.003906
Time to go from 36.124 db to - 127 dB in ms
10.67
21.33
42.67
85.34
170.67
341.35
682.70
1365.4
Time to go from 18.062 db to - 127 dB in ms
1.33
2.67
5.33
10.67
21.33
42.67
85.33
170.67
Time to go from 0 db to - 127 dB in ms
0.17
0.33
0.67
1.33
2.67
5.33
10.67
21.33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com