Electronic Components Datasheet Search
  English  ▼

X  

TAS5028 Datasheet(PDF) 26 Page - Texas Instruments

Part # TAS5028
Description  8 Channel Digital Audio PWM Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5028 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TAS5028 Datasheet HTML 22Page - Texas Instruments TAS5028 Datasheet HTML 23Page - Texas Instruments TAS5028 Datasheet HTML 24Page - Texas Instruments TAS5028 Datasheet HTML 25Page - Texas Instruments TAS5028 Datasheet HTML 26Page - Texas Instruments TAS5028 Datasheet HTML 27Page - Texas Instruments TAS5028 Datasheet HTML 28Page - Texas Instruments TAS5028 Datasheet HTML 29Page - Texas Instruments TAS5028 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 84 page
background image
Introduction
18
SLES112 — June 2004
TAS5028
Similarly, the TAS5028 carries additional precision in the form of overflow bits to permit the value of
intermediate calculations to exceed the input precision without clipping. The TAS5028 advanced digital audio
processor achieves both of these important performance capabilities by using a high performance digital audio
processing architecture with a 48-bit data path, 28-bit filter coefficients, and a 76-bit accumulator.
1.6
Input Crossbar Mixer
The TAS5028 has a full 8x8 input crossbar mixer. This mixer permits each signal processing channel input
to be any ratio of any of the eight input channels. The control parameters for the input crossbar mixer are
programmable via the I2C interface. See the Input Mixer Register (0x41 - 0x48, channels 1 - 8) section.
SUM
Gain Coefficient
28
48
Input 1
Gain Coefficient
28
48
Input 2
Gain Coefficient
28
48
Input 8
48
48
48
Figure 1 - 14. Input Crossbar Mixer
1.7
Bass and Treble Controls
From 32-kHz to 96-kHz data, the TAS5028 has four Bass and Treble tone controls. Each control has a
±18-dB
control range with selectable corner frequencies and 2nd order slopes. These controls operate four channel
groups:
•
L, R & C (Channels 1, 2, and 7)
•
LS, RS (Channels 3 and 4)
•
LBS, RBS (or alternately called L and R Lineout.) (Channels 5 and 6)
•
Sub (Channel 8)
For 176.4 kHz and 192 kHz data, the TAS5028 has two Bass and Treble tone controls. Each control has a
±18-dB I2C control range with selectable corner frequencies and 2nd order slopes. These controls operate
two channel groups:
•
L & R
•
Sub
The bass and treble filters utilize a soft update rate that does not produce artifacts during adjustment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com