Electronic Components Datasheet Search
  English  ▼

X  

TAS5028 Datasheet(PDF) 45 Page - Texas Instruments

Part # TAS5028
Description  8 Channel Digital Audio PWM Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5028 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TAS5028 Datasheet HTML 41Page - Texas Instruments TAS5028 Datasheet HTML 42Page - Texas Instruments TAS5028 Datasheet HTML 43Page - Texas Instruments TAS5028 Datasheet HTML 44Page - Texas Instruments TAS5028 Datasheet HTML 45Page - Texas Instruments TAS5028 Datasheet HTML 46Page - Texas Instruments TAS5028 Datasheet HTML 47Page - Texas Instruments TAS5028 Datasheet HTML 48Page - Texas Instruments TAS5028 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
Electrical Specifications
37
SLES112 — June 2004
TAS5028
3.6.2 Serial Audio Port
3.6.2.1
Serial Audio Ports Slave Mode Over Recommended Operating Conditions (Unless
Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
fSCLKIN
Frequency, SCLK 64 x fs
CL = 30 pF
2.048
12.288
MHz
tsu1
Setup time, LRCLK to SCLK rising edge
10
ns
th1
Hold time, LRCLK from SCLK rising edge
10
ns
tsu2
Setup time, SDIN to SCLK rising edge
10
ns
th2
Hold time, SDIN from SCLK rising edge
10
ns
LRCLK frequency
32
48
192
kHz
SCLK duty cycle
40%
50%
60%
LRCLK duty cycle
40%
50%
60%
SCLK rising edges between LRCLK rising edges
64
64
SCLK
edges
LRCLK clock edge with respect to the falling edge of SCLK
- 1/4
1/4
SCLK
period
th1
tsu1
tsu2
th2
SCLK
(Input)
LRCLK
(Input)
SDIN1
SDIN2
SDIN3
Figure 3 - 1. Slave Mode Serial Data Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com