Electronic Components Datasheet Search
  English  ▼

X  

TAS5028 Datasheet(PDF) 30 Page - Texas Instruments

Part # TAS5028
Description  8 Channel Digital Audio PWM Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5028 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TAS5028 Datasheet HTML 26Page - Texas Instruments TAS5028 Datasheet HTML 27Page - Texas Instruments TAS5028 Datasheet HTML 28Page - Texas Instruments TAS5028 Datasheet HTML 29Page - Texas Instruments TAS5028 Datasheet HTML 30Page - Texas Instruments TAS5028 Datasheet HTML 31Page - Texas Instruments TAS5028 Datasheet HTML 32Page - Texas Instruments TAS5028 Datasheet HTML 33Page - Texas Instruments TAS5028 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 84 page
background image
Introduction
22
SLES112 — June 2004
TAS5028
The interpolator, noise shaper, and PWM sections provide a PWM output with the following features:
•
Up to 8x over sampling.
-
8x at FS = 32 kHz, 38 kHz, 44.1 kHz, 48 kHz
-
4x at FS = 88.2 kHz, 96 kHz
-
2x at FS = 176.4 kHz, 192 kHz
•
5th order noise shaping
•
100-dB dynamic range 0 – 20 kHz (TAS5028 + TAS5111 system measured at speaker terminals)
•
THD < 0.01%
•
Adjustable maximum modulation limit of 93.8% to 99.2%
•
3.3-V digital signal
1.10.1
DC Blocking (High-Pass Enable / Disable)
Each input channel incorporates a first order digital high-pass filter to block potential dc components. The filter
–3 dB point is approximately 0.89-Hz at 44.1-kHz sampling rate. The high-pass filter can be enabled and
disabled via the I2C interface.
1.10.2
De-Emphasis Filter
For audio sources that have been pre-emphasized, a precision 50
µs/15 µs de-emphasis filter is provided to
support the sampling rates of 32 kHz, 44.1 kHz, and 48 kHz. Figure 1 - 17 shows a graph of the de-emphasis
filtering characteristics. De-emphasis is set using two bits in the system control register.
-10
0
Frequency - kHz
3.18 (50
µs)
10.6 (15
µs)
Figure 1 - 17. De-emphasis Filter Characteristics
1.10.3
AM Interference Avoidance
Digital amplifiers can degrade AM reception as a result of their RF emissions. Texas Instruments patented AM
interference avoidance circuit provides a flexible system solution for a wide variety of digital audio
architectures. During AM reception, the TAS5028 adjusts the radiated emissions to provide an emission clear
zone for the tuned AM frequency. The inputs to the TAS5028 for this operation are the tuned AM frequency,
the IF frequency, and the sample rate. The sample rate is automatically detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com