Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 70 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 66Page - ATMEL Corporation ATMEGA640 Datasheet HTML 67Page - ATMEL Corporation ATMEGA640 Datasheet HTML 68Page - ATMEL Corporation ATMEGA640 Datasheet HTML 69Page - ATMEL Corporation ATMEGA640 Datasheet HTML 70Page - ATMEL Corporation ATMEGA640 Datasheet HTML 71Page - ATMEL Corporation ATMEGA640 Datasheet HTML 72Page - ATMEL Corporation ATMEGA640 Datasheet HTML 73Page - ATMEL Corporation ATMEGA640 Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 449 page
background image
70
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
Notes:
1. When the BOOTRST Fuse is programmed, the device will jump to the Boot Loader
address at reset, see “Memory Programming” on page 342.
2. When the IVSEL bit in MCUCR is set, Interrupt Vectors will be moved to the start of
the Boot Flash Section. The address of each Interrupt Vector will then be the address
in this table added to the start address of the Boot Flash Section.
3. Only available in
ATmega640/1280/2560
32
$003E
TIMER3 CAPT
Timer/Counter3 Capture Event
33
$0040
TIMER3 COMPA
Timer/Counter3 Compare Match A
34
$0042
TIMER3 COMPB
Timer/Counter3 Compare Match B
35
$0044
TIMER3 COMPC
Timer/Counter3 Compare Match C
36
$0046
TIMER3 OVF
Timer/Counter3 Overflow
37
$0048
USART1 RX
USART1 Rx Complete
38
$004A
USART1 UDRE
USART1 Data Register Empty
39
$004C
USART1 TX
USART1 Tx Complete
40
$004E
TWI
2-wire Serial Interface
41
$0050
SPM READY
Store Program Memory Ready
42
$0052(3)
TIMER4 CAPT
Timer/Counter4 Capture Event
43
$0054
TIMER4 COMPA
Timer/Counter4 Compare Match A
44
$0056
TIMER4 COMPB
Timer/Counter4 Compare Match B
45
$0058
TIMER4 COMPC
Timer/Counter4 Compare Match C
46
$005A
TIMER4 OVF
Timer/Counter4 Overflow
47
$005C(3)
TIMER5 CAPT
Timer/Counter5 Capture Event
48
$005E
TIMER5 COMPA
Timer/Counter5 Compare Match A
49
$0060
TIMER5 COMPB
Timer/Counter5 Compare Match B
50
$0062
TIMER5 COMPC
Timer/Counter5 Compare Match C
51
$0064
TIMER5 OVF
Timer/Counter5 Overflow
52
$0066(3)
USART2 RX
USART2 Rx Complete
53
$0068(3)
USART2 UDRE
USART2 Data Register Empty
54
$006A(3)
USART2 TX
USART2 Tx Complete
55
$006C(3)
USART3 RX
USART3 Rx Complete
56
$006E(3))
USART3 UDRE
USART3 Data Register Empty
57
$0070(3)
USART3 TX
USART3 Tx Complete
Table 32. Reset and Interrupt Vectors (Continued)
Vector
No.
Program
Address(2)
Source
Interrupt Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com