Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 31 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 27Page - ATMEL Corporation ATMEGA640 Datasheet HTML 28Page - ATMEL Corporation ATMEGA640 Datasheet HTML 29Page - ATMEL Corporation ATMEGA640 Datasheet HTML 30Page - ATMEL Corporation ATMEGA640 Datasheet HTML 31Page - ATMEL Corporation ATMEGA640 Datasheet HTML 32Page - ATMEL Corporation ATMEGA640 Datasheet HTML 33Page - ATMEL Corporation ATMEGA640 Datasheet HTML 34Page - ATMEL Corporation ATMEGA640 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 449 page
background image
31
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
Using all 64KB Locations of
External Memory
Since the External Memory is mapped after the Internal Memory as shown in Figure 13,
only 56KB of External Memory is available by default (address space 0x0000 to 0x21FF
is reserved for internal memory). However, it is possible to take advantage of the entire
External Memory by masking the higher address bits to zero. This can be done by using
the XMMn bits and control by software the most significant bits of the address. By set-
ting Port C to output 0x00, and releasing the most significant bits for normal Port Pin
operation, the Memory Interface will address 0x0000 - 0x2FFF. See the following code
examples.
Care must be exercised using this option as most of the memory is masked away.
Note:
1. See “About Code Examples” on page 9.
Assembly Code Example
(1)
; OFFSET is defined to 0x4000 to ensure
; external memory access
; Configure Port C (address high byte) to
; output 0x00 when the pins are released
; for normal Port Pin operation
ldi
r16, 0xFF
out
DDRC, r16
ldi
r16, 0x00
out
PORTC, r16
; release PC7:6
ldi
r16, (1<<XMM1)
sts
XMCRB, r16
; write 0xAA to address 0x0001 of external
; memory
ldi
r16, 0xaa
sts
0x0001+OFFSET, r16
; re-enable PC7:6 for external memory
ldi
r16, (0<<XMM1)
sts
XMCRB, r16
; store 0x55 to address (OFFSET + 1) of
; external memory
ldi
r16, 0x55
sts
0x0001+OFFSET, r16
C Code Example(1)
#define OFFSET 0x4000
void
XRAM_example(void)
{
unsigned char *p = (unsigned char *) (OFFSET + 1);
DDRC = 0xFF;
PORTC = 0x00;
XMCRB = (1<<XMM1);
*p = 0xaa;
XMCRB = 0x00;
*p = 0x55;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com