Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 71 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 67Page - ATMEL Corporation ATMEGA640 Datasheet HTML 68Page - ATMEL Corporation ATMEGA640 Datasheet HTML 69Page - ATMEL Corporation ATMEGA640 Datasheet HTML 70Page - ATMEL Corporation ATMEGA640 Datasheet HTML 71Page - ATMEL Corporation ATMEGA640 Datasheet HTML 72Page - ATMEL Corporation ATMEGA640 Datasheet HTML 73Page - ATMEL Corporation ATMEGA640 Datasheet HTML 74Page - ATMEL Corporation ATMEGA640 Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 449 page
background image
71
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
Reset and Interrupt
Vector placement
Table 33 on page 71 shows Reset and Interrupt Vectors placement for the various com-
binations of BOOTRST and IVSEL settings. If the program never enables an interrupt
source, the Interrupt Vectors are not used, and regular program code can be placed at
these locations. This is also the case if the Reset Vector is in the Application section
while the Interrupt Vectors are in the Boot section or vice versa.
Note:
1. The Boot Reset Address is shown in Table 140 on page 335 through Table 148 on
page 339. For the BOOTRST Fuse “1” means unprogrammed while “0” means
programmed.
The most typical and general program setup for the Reset and Interrupt Vector
Addresses in ATmega640/1280/1281/2560/2561 is:
Table 33. Reset and Interrupt Vectors Placement
(1)
BOOTRST
IVSEL
Reset Address
Interrupt Vectors Start Address
1
0
0x0000
0x0002
1
1
0x0000
Boot Reset Address + 0x0002
0
0
Boot Reset Address
0x0002
0
1
Boot Reset Address
Boot Reset Address + 0x0002
Address
Labels
Code
Comments
0x0000
jmp
RESET
; Reset Handler
0x0002
jmp
INT0
; IRQ0 Handler
0x0004
jmp
INT1
; IRQ1 Handler
0x0006
jmp
INT2
; IRQ2 Handler
0x0008
jmp
INT3
; IRQ3 Handler
0x000A
jmp
INT4
; IRQ4 Handler
0x000C
jmp
INT5
; IRQ5 Handler
0x000E
jmp
INT6
; IRQ6 Handler
0x0010
jmp
INT7
; IRQ7 Handler
0x0012
jmp
PCINT0
; PCINT0 Handler
0x0014
jmp
PCINT1
; PCINT1 Handler
0x0016
jmp
PCINT2
; PCINT2 Handler
0X0018
jmp
WDT
; Watchdog Timeout Handler
0x001A
jmp
TIM2_COMPA
; Timer2 CompareA Handler
0x001C
jmp
TIM2_COMPB
; Timer2 CompareB Handler
0x001E
jmp
TIM2_OVF
; Timer2 Overflow Handler
0x0020
jmp
TIM1_CAPT
; Timer1 Capture Handler
0x0022
jmp
TIM1_COMPA
; Timer1 CompareA Handler
0x0024
jmp
TIM1_COMPB
; Timer1 CompareB Handler
0x0026
jmp
TIM1_COMPC
; Timer1 CompareC Handler
0x0028
jmp
TIM1_OVF
; Timer1 Overflow Handler
0x002A
jmp
TIM0_COMPA
; Timer0 CompareA Handler
0x002C
jmp
TIM0_COMPB
; Timer0 CompareB Handler
0x002E
jmp
TIM0_OVF
; Timer0 Overflow Handler
0x0030
jmp
SPI_STC
; SPI Transfer Complete Handler
0x0032
jmp
USART0_RXC
; USART0 RX Complete Handler
0x0034
jmp
USART0_UDRE
; USART0,UDR Empty Handler
0x0036
jmp
USART0_TXC
; USART0 TX Complete Handler
0x0038
jmp
ANA_COMP
; Analog Comparator Handler
0x003A
jmp
ADC
; ADC Conversion Complete Handler
0x003C
jmp
EE_RDY
; EEPROM Ready Handler
0x003E
jmp
TIM3_CAPT
; Timer3 Capture Handler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com