Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 44 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 40Page - ATMEL Corporation ATMEGA640 Datasheet HTML 41Page - ATMEL Corporation ATMEGA640 Datasheet HTML 42Page - ATMEL Corporation ATMEGA640 Datasheet HTML 43Page - ATMEL Corporation ATMEGA640 Datasheet HTML 44Page - ATMEL Corporation ATMEGA640 Datasheet HTML 45Page - ATMEL Corporation ATMEGA640 Datasheet HTML 46Page - ATMEL Corporation ATMEGA640 Datasheet HTML 47Page - ATMEL Corporation ATMEGA640 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 449 page
background image
44
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
Low Frequency Crystal
Oscillator
The device can utilize a 32.768 kHz watch crystal as clock source by a dedicated Low
Frequency Crystal Oscillator. The crystal should be connected as shown in Figure 21.
When this Oscillator is selected, start-up times are determined by the SUT Fuses and
CKSEL0 as shown in Table 16.
Note:
1. These options should only be used if frequency stability at start-up is not important
for the application.
Calibrated Internal RC
Oscillator
By defaylt, the Internal RC Oscillator provides an approximate 8 MHz clock. Though volt-
age and temperature dependent, this clock can be very accurately calibrated by the
user. See Table 172 on page 384 and “Internal Oscillator Speed” on page 409 for more
details. The device is shipped with the CKDIV8 Fuse programmed. See “System Clock
Prescaler” on page 47 for more details.
This clock may be selected as the system clock by programming the CKSEL Fuses as
shown in Table 17. If selected, it will operate with no external components. During reset,
hardware loads the pre-programmed calibration value into the OSCCAL Register and
thereby automatically calibrates the RC Oscillator. The accuracy of this calibration is
shown as Factory calibration in Table 172 on page 384.
By changing the OSCCAL register from SW, see “OSCCAL – Oscillator Calibration Reg-
ister” on page 48, it is possible to get a higher calibration accuracy than by using the
factory calibration. The accuracy of this calibration is shown as User calibration in Table
172 on page 384.
When this Oscillator is used as the chip clock, the Watchdog Oscillator will still be used
for the Watchdog Timer and for the Reset Time-out. For more information on the pre-
programmed calibration value, see the section “Calibration Byte” on page 345.
Notes:
1. The device is shipped with this option selected.
2. The frequency ranges are preliminary values. Actual values are TBD.
3. If 8 MHz frequency exceeds the specification of the device (depends on V
CC), the
CKDIV8 Fuse can be programmed in order to divide the internal frequency by 8.
When this Oscillator is selected, start-up times are determined by the SUT Fuses as
shown in Table 18 on page 45.
Table 16. Start-up Times for the Low Frequency Crystal Oscillator Clock Selection
Power Conditions
Start-up Time from
Power-down and
Power-save
Additional Delay
from Reset
(VCC = 5.0V)
CKSEL0
SUT1:0
BOD enabled
1K CK
14CK(1)
000
Fast rising power
1K CK
14CK + 4.1 ms(1)
001
Slowly rising power
1K CK
14CK + 65 ms(1)
010
Reserved
0
11
BOD enabled
32K CK
14CK
1
00
Fast rising power
32K CK
14CK + 4.1 ms
1
01
Slowly rising power
32K CK
14CK + 65 ms
1
10
Reserved
1
11
Table 17. Internal Calibrated RC Oscillator Operating Modes
(1)(3)
Frequency Range(2) (MHz)
CKSEL3:0
7.3 - 8.1
0010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com