Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 60 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 56Page - ATMEL Corporation ATMEGA640 Datasheet HTML 57Page - ATMEL Corporation ATMEGA640 Datasheet HTML 58Page - ATMEL Corporation ATMEGA640 Datasheet HTML 59Page - ATMEL Corporation ATMEGA640 Datasheet HTML 60Page - ATMEL Corporation ATMEGA640 Datasheet HTML 61Page - ATMEL Corporation ATMEGA640 Datasheet HTML 62Page - ATMEL Corporation ATMEGA640 Datasheet HTML 63Page - ATMEL Corporation ATMEGA640 Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 449 page
background image
60
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
Brown-out Detection
ATmega640/1280/1281/2560/2561 has an On-chip Brown-out Detection (BOD) circuit
for monitoring the V
CC level during operation by comparing it to a fixed trigger level. The
trigger level for the BOD can be selected by the BODLEVEL Fuses. The trigger level
has a hysteresis to ensure spike free Brown-out Detection. The hysteresis on the detec-
tion level should be interpreted as V
BOT+ = VBOT + VHYST/2 and VBOT- = VBOT - VHYST/2.
Note:
1. VBOT may be below nominal minimum operating voltage for some devices. For
devices where this is the case, the device is tested down to V
CC = VBOT during the
production test. This guarantees that a Brown-Out Reset will occur before VCC drops
to a voltage where correct operation of the microcontroller is no longer guaranteed.
The
test
is
performed
using
BODLEVEL = 110
for
4
MHz
operation
of
ATmega640V/1280V/1281V/2560V/2561V, BODLEVEL = 101 for 8 MHz operation of
ATmega640V/1280V/1281V/2560V/2561V
and
ATmega640/1280/1281,
and
BODLEVEL = 100 for 16 MHz operation of ATmega640/1280/1281/2560/2561.
When the BOD is enabled, and V
CC decreases to a value below the trigger level (VBOT-
in Figure 28), the Brown-out Reset is immediately activated. When V
CC increases above
the trigger level (V
BOT+ in Figure 28), the delay counter starts the MCU after the Time-
out period t
TOUT has expired.
The BOD circuit will only detect a drop in V
CC if the voltage stays below the trigger level
for longer than t
BOD given in Table 26.
Figure 28. Brown-out Reset During Operation
Table 27. BODLEVEL Fuse Coding
(1)
BODLEVEL 2:0 Fuses
Min VBOT
Typ VBOT
Max VBOT
Units
111
BOD Disabled
110
1.7
1.8
2.0
V
101
2.5
2.7
2.9
100
4.1
4.3
4.5
011
Reserved
010
001
000
Table 28. Brown-out Characteristics
Symbol
Parameter
Min
Typ
Max
Units
VHYST
Brown-out Detector Hysteresis
50
mV
t
BOD
Min Pulse Width on Brown-out Reset
ns
VCC
RESET
TIME-OUT
INTERNAL
RESET
VBOT-
VBOT+
tTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com