Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 81 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 81 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 77Page - ATMEL Corporation ATMEGA640 Datasheet HTML 78Page - ATMEL Corporation ATMEGA640 Datasheet HTML 79Page - ATMEL Corporation ATMEGA640 Datasheet HTML 80Page - ATMEL Corporation ATMEGA640 Datasheet HTML 81Page - ATMEL Corporation ATMEGA640 Datasheet HTML 82Page - ATMEL Corporation ATMEGA640 Datasheet HTML 83Page - ATMEL Corporation ATMEGA640 Datasheet HTML 84Page - ATMEL Corporation ATMEGA640 Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 449 page
background image
81
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
PCIFR – Pin Change Interrupt
Flag Register
• Bit 2 – PCIF2: Pin Change Interrupt Flag 1
When a logic change on any PCINT23:16 pin triggers an interrupt request, PCIF2
becomes set (one). If the I-bit in SREG and the PCIE2 bit in PCICR are set (one), the
MCU will jump to the corresponding Interrupt Vector. The flag is cleared when the inter-
rupt routine is executed. Alternatively, the flag can be cleared by writing a logical one to
it.
• Bit 1 – PCIF1: Pin Change Interrupt Flag 1
When a logic change on any PCINT15:8 pin triggers an interrupt request, PCIF1
becomes set (one). If the I-bit in SREG and the PCIE1 bit in PCICR are set (one), the
MCU will jump to the corresponding Interrupt Vector. The flag is cleared when the inter-
rupt routine is executed. Alternatively, the flag can be cleared by writing a logical one to
it.
• Bit 0 – PCIF0: Pin Change Interrupt Flag 0
When a logic change on any PCINT7:0 pin triggers an interrupt request, PCIF0
becomes set (one). If the I-bit in SREG and the PCIE0 bit in PCICR are set (one), the
MCU will jump to the corresponding Interrupt Vector. The flag is cleared when the inter-
rupt routine is executed. Alternatively, the flag can be cleared by writing a logical one to
it.
PCMSK2 – Pin Change Mask
Register 2
• Bit 7:0 – PCINT23:16: Pin Change Enable Mask 23:16
Each PCINT23:16-bit selects whether pin change interrupt is enabled on the corre-
sponding I/O pin. If PCINT23:16 is set and the PCIE2 bit in PCICR is set, pin change
interrupt is enabled on the corresponding I/O pin. If PCINT23:16 is cleared, pin change
interrupt on the corresponding I/O pin is disabled.
PCMSK1 – Pin Change Mask
Register 1
• Bit 7:0 – PCINT15:8: Pin Change Enable Mask 15:8
Each PCINT15:8-bit selects whether pin change interrupt is enabled on the correspond-
ing I/O pin. If PCINT15:8 is set and the PCIE1 bit in EIMSK is set, pin change interrupt is
enabled on the corresponding I/O pin. If PCINT15:8 is cleared, pin change interrupt on
the corresponding I/O pin is disabled.
Bit
7
654
32
10
0x1B (0x3B)
–
–
–
–
–
PCIF2
PCIF1
PCIF0
PCIFR
Read/Write
RR
RR
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
765
43
210
(0x6D)
PCINT23
PCINT22
PCINT21
PCINT20
PCINT19
PCINT18
PCINT17
PCINT16
PCMSK2
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
543
21
0
(0x6C)
PCINT15
PCINT14
PCINT13
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
PCMSK1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com