Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 15Page - ATMEL Corporation ATMEGA640 Datasheet HTML 16Page - ATMEL Corporation ATMEGA640 Datasheet HTML 17Page - ATMEL Corporation ATMEGA640 Datasheet HTML 18Page - ATMEL Corporation ATMEGA640 Datasheet HTML 19Page - ATMEL Corporation ATMEGA640 Datasheet HTML 20Page - ATMEL Corporation ATMEGA640 Datasheet HTML 21Page - ATMEL Corporation ATMEGA640 Datasheet HTML 22Page - ATMEL Corporation ATMEGA640 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 449 page
background image
19
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
AVR Memories
This section describes the different memories in the ATmega640/1280/1281/2560/2561.
The AVR architecture has two main memory spaces, the Data Memory and the Program
Memory space. In addition, the ATmega640/1280/1281/2560/2561 features an
EEPROM Memory for data storage. All three memory spaces are linear and regular.
In-System
Reprogrammable Flash
Program Memory
The ATmega640/1280/1281/2560/2561 contains 64K/128K/256K bytes On-chip In-Sys-
tem Reprogrammable Flash memory for program storage, see Table 3 on page 19.
Since all AVR instructions are 16 or 32 bits wide, the Flash is organized as
32K/64K/128K x 16. For software security, the Flash Program memory space is divided
into two sections, Boot Program section and Application Program section.
The Flash memory has an endurance of at least 10,000 write/erase cycles. The
ATmega640/1280/1281/2560/2561 Program Counter (PC) is 15/16/17 bits wide, thus
addressing the 32K/64K/128K program memory locations. The operation of Boot Pro-
gram section and associated Boot Lock bits for software protection are described in
detail in “Boot Loader Support – Read-While-Write Self-Programming” on page 323.
“Memory Programming” on page 342 contains a detailed description on Flash data
serial downloading using the SPI pins or the JTAG interface.
Constant tables can be allocated within the entire program memory address space (see
the LPM – Load Program Memory instruction description and ELPM - Extended Load
Program Memory instruction description).
Timing diagrams for instruction fetch and execution are presented in “Instruction Execu-
tion Timing” on page 16.
Table 3. Program Flash Memory Map
Address (HEX)
0
Application Flash Section
Boot Flash Section
0x7FFF/0xFFFF/0x1FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com