Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 77 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 73Page - ATMEL Corporation ATMEGA640 Datasheet HTML 74Page - ATMEL Corporation ATMEGA640 Datasheet HTML 75Page - ATMEL Corporation ATMEGA640 Datasheet HTML 76Page - ATMEL Corporation ATMEGA640 Datasheet HTML 77Page - ATMEL Corporation ATMEGA640 Datasheet HTML 78Page - ATMEL Corporation ATMEGA640 Datasheet HTML 79Page - ATMEL Corporation ATMEGA640 Datasheet HTML 80Page - ATMEL Corporation ATMEGA640 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 449 page
background image
77
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
External Interrupts
The External Interrupts are triggered by the INT7:0 pin or any of the PCINT23:0 pins.
Observe that, if enabled, the interrupts will trigger even if the INT7:0 or PCINT23:0 pins
are configured as outputs. This feature provides a way of generating a software
interrupt.
The Pin change interrupt PCI2 will trigger if any enabled PCINT23:16 pin toggles, Pin
change interrupt PCI1 if any enabled PCINT15:8 toggles and Pin change interrupts
PCI0 will trigger if any enabled PCINT7:0 pin toggles. PCMSK2, PCMSK1 and PCMSK0
Registers control which pins contribute to the pin change interrupts. Pin change inter-
rupts on PCINT23 :0 are detected asynchronously. This implies that these interrupts can
be used for waking the part also from sleep modes other than Idle mode.
The External Interrupts can be triggered by a falling or rising edge or a low level. This is
set up as indicated in the specification for the External Interrupt Control Registers –
EICRA (INT3:0) and EICRB (INT7:4). When the external interrupt is enabled and is con-
figured as level triggered, the interrupt will trigger as long as the pin is held low. Note
that recognition of falling or rising edge interrupts on INT7:4 requires the presence of an
I/O clock, described in “Overview” on page 37. Low level interrupts and the edge inter-
rupt on INT3:0 are detected asynchronously. This implies that these interrupts can be
used for waking the part also from sleep modes other than Idle mode. The I/O clock is
halted in all sleep modes except Idle mode.
Note that if a level triggered interrupt is used for wake-up from Power-down, the
required level must be held long enough for the MCU to complete the wake-up to trigger
the level interrupt. If the level disappears before the end of the Start-up Time, the MCU
will still wake up, but no interrupt will be generated. The start-up time is defined by the
SUT and CKSEL Fuses as described in “System Clock and Clock Options” on page 37.
Pin Change Interrupt
Timing
An example of timing of a pin change interrupt is shown in Figure 31.
Figure 31. Normal pin change interrupt.
clk
PCINT(n)
pin_lat
pin_sync
pcint_in_(n)
pcint_syn
pcint_setflag
PCIF
PCINT(0)
pin_sync
pcint_syn
pin_lat
D
Q
LE
pcint_setflag
PCIF
clk
clk
PCINT(0) in PCMSK(x)
pcint_in_(0)
0
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com