Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 11Page - ATMEL Corporation ATMEGA640 Datasheet HTML 12Page - ATMEL Corporation ATMEGA640 Datasheet HTML 13Page - ATMEL Corporation ATMEGA640 Datasheet HTML 14Page - ATMEL Corporation ATMEGA640 Datasheet HTML 15Page - ATMEL Corporation ATMEGA640 Datasheet HTML 16Page - ATMEL Corporation ATMEGA640 Datasheet HTML 17Page - ATMEL Corporation ATMEGA640 Datasheet HTML 18Page - ATMEL Corporation ATMEGA640 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 449 page
background image
15
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
RAMPZ – Extended Z-pointer
Register for ELPM/SPM
For ELPM/SPM instructions, the Z-pointer is a concatenation of RAMPZ, ZH, and ZL, as
shown in Figure 8. Note that LPM is not affected by the RAMPZ setting.
Figure 8. The Z-pointer used by ELPM and SPM
The actual number of bits is implementation dependent. Unused bits in an implementa-
tion will always read as zero. For compatibility with future devices, be sure to write these
bits to zero.
EIND – Extended Indirect
Register
For EICALL/EIJMP instructions, the Indirect-pointer to the subroutine/routine is a con-
catenation of EIND, ZH, and ZL, as shown in Figure 9. Note that ICALL and IJMP are
not affected by the EIND setting.
Figure 9. The Indirect-pointer used by EICALL and EIJMP
The actual number of bits is implementation dependent. Unused bits in an implementa-
tion will always read as zero. For compatibility with future devices, be sure to write these
bits to zero.
Bit
7654
32
1
0
0x3B (0x5B)
RAMPZ7
RAMPZ6
RAMPZ5
RAMPZ4
RAMPZ3
RAMPZ2
RAMPZ1
RAMPZ0
RAMPZ
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
00
0
0
Bit (
Individually)
70
7
0
7
0
RAMPZ
ZH
ZL
Bit (Z-pointer)
23
16
15
8
7
0
Bit
7654
32
1
0
0x3C (0x5C)
EIND7
EIND6
EIND5
EIND4
EIND3
EIND2
EIND1
EIND0
EIND
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
00
0
0
Bit (Individual-
ly)
70
7
0
7
0
EIND
ZH
ZL
Bit
(Indirect-
pointer)
23
16
15
8
7
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com