Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 99 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 99 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 95Page - ATMEL Corporation ATMEGA640 Datasheet HTML 96Page - ATMEL Corporation ATMEGA640 Datasheet HTML 97Page - ATMEL Corporation ATMEGA640 Datasheet HTML 98Page - ATMEL Corporation ATMEGA640 Datasheet HTML 99Page - ATMEL Corporation ATMEGA640 Datasheet HTML 100Page - ATMEL Corporation ATMEGA640 Datasheet HTML 101Page - ATMEL Corporation ATMEGA640 Datasheet HTML 102Page - ATMEL Corporation ATMEGA640 Datasheet HTML 103Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 449 page
background image
99
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
Note:
1. When enabled, the 2-wire Serial Interface enables Slew-Rate controls on the output
pins PD0 and PD1. This is not shown in this table. In addition, spike filters are con-
nected between the AIO outputs shown in the port figure and the digital logic of the
TWI module.
Alternate Functions of Port E
The Port E pins with alternate functions are shown in Table 51.
Note:
1. Only for
ATmega1281/2561. For ATmega640/1280/2560 these functions are
placed on MISO/MOSI pins.
• INT7/ICP3/CLKO – Port E, Bit 7
INT7, External Interrupt source 7: The PE7 pin can serve as an external interrupt
source.
ICP3, Input Capture Pin 3: The PE7 pin can act as an input capture pin for
Timer/Counter3.
Table 50. Overriding Signals for Alternate Functions in PD3:PD0(1)
Signal Name
PD3/INT3/TXD1
PD2/INT2/RXD1
PD1/INT1/SDA
PD0/INT0/SCL
PUOE
TXEN1RXEN1TWEN
TWEN
PUOV
0
PORTD2 • PUD
PORTD1 • PUD
PORTD0 • PUD
DDOE
TXEN1RXEN1TWEN
TWEN
DDOV
1
0
SDA_OUT
SCL_OUT
PVOE
TXEN10
TWEN
TWEN
PVOV
TXD1
0
0
0
DIEOE
INT3 ENABLE
INT2 ENABLE
INT1 ENABLE
INT0 ENABLE
DIEOV
1
1
1
1
DI
INT3 INPUT
INT2 INPUT/RXD1
INT1 INPUT
INT0 INPUT
AIO
–
–
SDA INPUT
SCL INPUT
Table 51. Port E Pins Alternate Functions
Port Pin
Alternate Function
PE7
INT7/ICP3/CLK0 (External Interrupt 7 Input, Timer/Counter3 Input Capture Trigger
or Divided System Clock)
PE6
INT6/ T3 (External Interrupt 6 Input or Timer/Counter3 Clock Input)
PE5
INT5/OC3C (External Interrupt 5 Input or Output Compare and PWM Output C for
Timer/Counter3)
PE4
INT4/OC3B (External Interrupt4 Input or Output Compare and PWM Output B for
Timer/Counter3)
PE3
AIN1/OC3A (Analog Comparator Negative Input or Output Compare and PWM
Output A for Timer/Counter3)
PE2
AIN0/XCK0 (Analog Comparator Positive Input or USART0 external clock
input/output)
PE1
PDO(1)/TXD0 (Programming Data Output or USART0 Transmit Pin)
PE0
PDI(1)/RXD0/PCINT8 (Programming Data Input, USART0 Receive Pin or Pin
Change Interrupt 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com