Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 102 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 102 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 98Page - ATMEL Corporation ATMEGA640 Datasheet HTML 99Page - ATMEL Corporation ATMEGA640 Datasheet HTML 100Page - ATMEL Corporation ATMEGA640 Datasheet HTML 101Page - ATMEL Corporation ATMEGA640 Datasheet HTML 102Page - ATMEL Corporation ATMEGA640 Datasheet HTML 103Page - ATMEL Corporation ATMEGA640 Datasheet HTML 104Page - ATMEL Corporation ATMEGA640 Datasheet HTML 105Page - ATMEL Corporation ATMEGA640 Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 449 page
background image
102
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
Note:
1. PDO/PDI only available at PE1/PE0 for
ATmega1281/2561.
Table 53. Overriding Signals for Alternate Functions in PE3:PE0
Signal
Name
PE3/AIN1/OC3A
PE2/AIN0/XCK0
PE1/PDO(1)/
TXD0
PE0/PDI(1)/
RXD0/PCINT8
PUOE
0
0
TXEN0RXEN0
PUOV
0
0
0
PORTE0 • PUD
DDOE
0
XCK0 OUTPUT
ENABLE
TXEN0RXEN0
DDOV
0
1
1
0
PVOE
OC3B ENABLE
XCK0 OUTPUT
ENABLE
TXEN00
PVOV
OC3B
XCK0 OUTPUT
TXD0
0
DIEOE
0
0
0
PCINT8 • PCIE1
DIEOV
0
0
0
1
DI
0
XCK0 INPUT
–
RXD0
PE0
0
0
0
PCINT8 INPUT
AIO
AIN1 INPUT
AIN0 INPUT
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com