Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 101 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 101 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 97Page - ATMEL Corporation ATMEGA640 Datasheet HTML 98Page - ATMEL Corporation ATMEGA640 Datasheet HTML 99Page - ATMEL Corporation ATMEGA640 Datasheet HTML 100Page - ATMEL Corporation ATMEGA640 Datasheet HTML 101Page - ATMEL Corporation ATMEGA640 Datasheet HTML 102Page - ATMEL Corporation ATMEGA640 Datasheet HTML 103Page - ATMEL Corporation ATMEGA640 Datasheet HTML 104Page - ATMEL Corporation ATMEGA640 Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 449 page
background image
101
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
• PDI/RXD0/PCINT8 – Port E, Bit 0
PDI, SPI Serial Programming Data Input. During Serial Program Downloading, this pin
is used as data input line for the ATmega1281/2561. For ATmega640/1280/2560 this
function is placed on MOSI.
RXD0, USART0 Receive Pin. Receive Data (Data input pin for the USART0). When the
USART0 receiver is enabled this pin is configured as an input regardless of the value of
DDRE0. When the USART0 forces this pin to be an input, a logical one in PORTE0 will
turn on the internal pull-up.
PCINT8, Pin Change Interrupt source 8: The PE0 pin can serve as an external interrupt source.
Table 52 and Table 53 relates the alternate functions of Port E to the overriding signals
shown in Figure 36 on page 89.
Table 52. Overriding Signals for Alternate Functions PE7:PE4
Signal
Name
PE7/INT7/ICP3
PE6/INT6/T3
PE5/INT5/OC3C
PE4/INT4/OC3B
PUOE
0
0
0
0
PUOV
0
0
0
0
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
0
0
OC3C ENABLE
OC3B ENABLE
PVOV
0
0
OC3C
OC3B
DIEOE
INT7 ENABLE
INT6 ENABLE
INT5 ENABLE
INT4 ENABLE
DIEOV
1
1
1
1
DI
INT7 INPUT/ICP3
INPUT
INT7 INPUT/T3
INPUT
INT5 INPUT
INT4 INPUT
AIO
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com